Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7773 Datasheet(PDF) 95 Page - Sitronix Technology Co., Ltd.

Part # ST7773
Description  262K Color Single-Chip TFT Controller/Driver
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7773 Datasheet(HTML) 95 Page - Sitronix Technology Co., Ltd.

Back Button ST7773 Datasheet HTML 91Page - Sitronix Technology Co., Ltd. ST7773 Datasheet HTML 92Page - Sitronix Technology Co., Ltd. ST7773 Datasheet HTML 93Page - Sitronix Technology Co., Ltd. ST7773 Datasheet HTML 94Page - Sitronix Technology Co., Ltd. ST7773 Datasheet HTML 95Page - Sitronix Technology Co., Ltd. ST7773 Datasheet HTML 96Page - Sitronix Technology Co., Ltd. ST7773 Datasheet HTML 97Page - Sitronix Technology Co., Ltd. ST7773 Datasheet HTML 98Page - Sitronix Technology Co., Ltd. ST7773 Datasheet HTML 99Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 128 page
background image
ST7773
Ver. 2.0
2008-07-07
95
10.2.1 FRMCTR1 (B1h): Frame Rate Control (In normal mode/ Full colors)
B1H
FRMCTR1 (Frame Rate Control)
Inst / Para
D/CX
WRX
RDX
D1
7-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
FRMCTR1
0
↑
1
-
1
0
1
1
0
0
0
1
(B1h)
1st Parameter
1
↑
1
-
RTNA[7:0]
3Bh
2nd Parameter
1
↑
1
-
FPA[4:0]
04h
3rd Parameter
1
↑
1
-
BPA[4:0]
03h
Nth Parameter
1
↑
1
-
RTNA_VSYNC[7:0]
38h
NOTE: “-“ Don’t care
Description
-Set the frame frequency of the full colors normal mode,recommend to set under 110Hz.
-The frame frequency need to meet 60Hz±5% in this mode
RTNA[7:0]
Frame Rate
RTNA[7:0]
Frame Rate
0100000
32
110
1010000
80
44
0100001
33
107
1010001
81
43
0100010
34
104
1010010
82
43
0100011
35
101
1010011
83
42
0100100
36
98
1010100
84
42
0100101
37
95
1010101
85
41
0100110
38
93
1010110
86
41
0100111
39
90
1010111
87
41
0101000
40
88
1011000
88
40
0101001
41
86
1011001
89
40
0101010
42
84
1011010
90
39
0101011
43
82
1011011
91
39
0101100
44
80
1011100
92
38
0101101
45
78
1011101
93
38
0101110
46
77
1011110
94
37
0101111
47
75
1011111
95
37
0110000
48
73
1100000
96
37
0110001
49
72
1100001
97
36
0110010
50
70
1100010
98
36
0110011
51
69
1100011
99
36
0110100
52
68
1100100
100
35
0110101
53
66
1100101
101
35
0110110
54
65
1100110
102
35
0110111
55
64
1100111
103
34
0111000
56
63
1101000
104
34
0111001
57
62
1101001
105
34
0111010
58
61
1101010
106
33
0111011
59
60
1101011
107
33
0111100
60
59
1101100
108
33
0111101
61
58
1101101
109
32
0111110
62
57
1101110
110
32
0111111
63
56
1101111
111
32
1000000
64
55
1110000
112
31
1000001
65
54
1110001
113
31
1000010
66
53
1110010
114
31
1000011
67
52
1110011
115
31
1000100
68
52
1110100
116
30
1000101
69
51
1110101
117
30
1000110
70
50
1110110
118
30
1000111
71
49
1110111
119
30
1001000
72
49
1111000
120
29
1001001
73
48
1111001
121
29
1001010
74
48
1111010
122
29
1001011
75
47
1111011
123
29
1001100
76
46
1111100
124
28
1001101
77
46
1111101
125
28
1001110
78
45
1111110
126
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com