Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7773 Datasheet(PDF) 17 Page - Sitronix Technology Co., Ltd.

Part # ST7773
Description  262K Color Single-Chip TFT Controller/Driver
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7773 Datasheet(HTML) 17 Page - Sitronix Technology Co., Ltd.

Back Button ST7773 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7773 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7773 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7773 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7773 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7773 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7773 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7773 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7773 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 128 page
background image
ST7773
Ver. 2.0
2008-07-07
17
6.3 Mode selection pin
Name
I/O
Description
Count
Connect pin
EXTC
I
-To use extended command set, please connect this pin to VDDI.
-During normal operation, please open this pin (internal Rpull-down=2M ).
EXTC
Enable/disable modification of extend command
0
Only use default command set
1
Use extended command set
1
VDDI/DGND
SRGB
I
-RGB arrangement selection pin for color filter design.
SRGB
RGB arrangement
0
S1, S2, S3 filter order = ’R’, ’G’, ’B’
1
S1, S2, S3 filter order = ‘B’, ‘G’, ‘R’
1
VDDI/DGND
SMX
I
-Scanning direction of source output selection pin.
SMX
Scanning direction of source output
0
S1->S528
1
S528->S1
1
VDDI/DGND
SMY
I
-Scanning direction of gate output selection pin.
SMY
Scanning direction of gate output
0
G1->G220
1
G220->G1
1
VDDI/DGND
AUTO
I
-Please connect this pin to VDDI.
1
VDDI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com