Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7773 Datasheet(PDF) 21 Page - Sitronix Technology Co., Ltd.

Part # ST7773
Description  262K Color Single-Chip TFT Controller/Driver
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7773 Datasheet(HTML) 21 Page - Sitronix Technology Co., Ltd.

Back Button ST7773 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7773 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7773 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7773 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7773 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7773 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7773 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7773 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7773 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 128 page
background image
ST7773
Ver. 2.0
2008-07-07
21
Fig. 8.1.2 Rising and falling timing for input and output signal
Fig.8.1.3 Chip selection (CSX) timing
Fig. 8.1.4 Write-to-read and read-to-write timing
NOTE: The rising time and falling time (Tr, Tf) of input signal are specified at 15 ns or less. Logic high and low levels are
specified as 30% and 70% of VDDI for Input signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com