Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7773 Datasheet(PDF) 2 Page - Sitronix Technology Co., Ltd.

Part # ST7773
Description  262K Color Single-Chip TFT Controller/Driver
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7773 Datasheet(HTML) 2 Page - Sitronix Technology Co., Ltd.

  ST7773 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7773 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7773 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7773 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7773 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7773 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7773 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7773 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7773 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 128 page
background image
ST7773
Ver. 2.0
2
2008-07-07
3. Pad arrangement
G1
G219
S2
IM0
DUMMYA
EXTC
VDDIO
IM1
IM2
AUTO
DGNDO
SMY
DGNDO
SRGB
VDDIO
TPI[0]
VDDIO
DGNDO
VDDIO
TPO[1]
TPI[1]
TPO[0]
D6
D5
DGND
DGND
DGND
DGND
DGND
DGND
VDDI
VDDI
VDDI
VDDI
VDD
VDDI
VDDI
VDD
VDD
VDD
VDD
VCC(O)
VDD
VDD
VDD
VCC
VDD
VCC
VCC
AVDD(O)
GVDD
AVDD(O)
AVDD
AVDD(O)
AVDD(O)
AVDD
AGND
AVDD
AGND
AGND
AGND
AGND
AGND
AGND
C11P
AGND
C11P
C11P
C12P
C11N
C11N
C11N
C12P
C12P
C12P
VCL
C23P
C22N
C22N
C23N
C23P
C23N
C23N
VGH
VGL
VGL
VGL
VCOM
VGH
VREF
VCOM
VCOM
VCOM
VCOM
S528
G4
G2
S525
S526
G218
G220
G216
G214
VDDIO
SMX
DGNDO
TPI[2]
TPI[3]
TPO[2]
TPO[3]
TPO[4]
TPO[5]
TPO[6]
TPO[7]
D17
D16
D15
D14
D13
D12
D11
D10
D9
D8
DGNDO
D7
D4
D3
D2
D1
D0(SDA)
VDDIO
DGNDO
OSC
TE
CSX
RDX
WRX
RESX
DGNDO
D/CX(SCI)
DGNDO
DGNDO
TEST
DGND
DGND
VDDI
VDD
VCC
GVDD
AVDD
C11P
C11N
C12N
C12N
C12N
C12N
VCI1
VCI1
VCI1
VCI1
C21P
C21P
C21P
VCL(O)
VCL
VCL
VCOMH
VCOMH
VCOMH
VCOMH
VCOML
VCOML
VCOML
VCOML
C22P
C22P
C22P
C22N
C23P
VGH(O)
VCOM
S527
G6
G8
S4
S1
S3
G5
G7
G3
G215
G217
G213
AGND
AGND
AGND
AGND
AGND
C21N
C21N
C21N
TEST
TEST
TEST
TEST
TEST
TEST
TEST
TEST
TEST
TEST
TEST
TEST
TEST
TEST
TEST
TEST
TEST
TEST
View point: bump view
Chip size (um): 17370x820
PAD coordinate: pad center
Coordinate origin: chip center
Chip thickness (um): 300(typical)
Bump height (um): 15(typical)
Bump hardness (HV): 75(typical)
Pad arrangement (Unit: um):
Output: pad No. 1 ~ 751 = 18 x 96
Input: pad No. 752 ~ 947 = 50 x 96
70
96
50
50
Alignment mark (unit: um):
Left align mark (
-8120.58,-300)
Left align mark (
8080.6,-300)
30
40
30
Alignment mark



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com