Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE707A Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE707A
Description  Micro Power Step-up DC-DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE707A Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE707A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE707A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE707A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE707A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE707A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE707A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE707A Datasheet HTML 7Page - ACE Technology Co., LTD. ACE707A Datasheet HTML 8Page - ACE Technology Co., LTD. ACE707A Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
 
                                                                                                                  
ACE707A
                        Technology
Micro Power Step-up DC-DC Converter
 
VER 1.2
2
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Input voltage
VIN
15
V
SW Voltage
VSW
36
V
FB Voltage
VFB
VIN
V
SHDN Pin Voltage
VSHDN
15
V
Thermal Resistance (Junction to Ambient, no Heat sink)
RθJA
265
℃
/W
Operating Junction Temperature
TJ
150
℃
Storage Temperature Range
TSG
-65 TO 150 ℃
Lead Temperature (Soldering, 10sec)
TLEAD
260
℃
ESD (Human Body Model)
3000
V
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated
under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum Ratings" for extended periods may
affect device reliability.
Packaging Type
SOT-23-5
5
4
1
2
3
Pin
SOT-23-5
Function
SW
1
Switch Pin. This is the collector of the internal NPN power switch. Minimize the
trace area connected to this Pin to minimize EMI
GND
2
Ground Pin. GND should be tied directly to ground plane for best performance
FB
3
Feedback Pin. Set the output voltage through this pin. The formula is
VOUT=1.23V*(1+R1/R2). Keep the loop between Vout and FB as short as possible
to minimize the ripple and noise, which is beneficial to the stability and output ripple
SHDN
4
Shutdown Control Pin. Tie this pin above 0.9V to enable the device. Tie below
0.25V to turn off the device
VIN
5
Supply Input Pin. Bypass this pin with a capacitor as close to the device as possible



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com