Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE707A Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE707A
Description  Micro Power Step-up DC-DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE707A Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE707A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE707A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE707A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE707A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE707A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE707A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE707A Datasheet HTML 7Page - ACE Technology Co., LTD. ACE707A Datasheet HTML 8Page - ACE Technology Co., LTD. ACE707A Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
 
                                                                                                                  
ACE707A
                        Technology
Micro Power Step-up DC-DC Converter
VER 1.2
1 
Description
The ACE707A are Pulse Frequency Modulation (PFM) DC/DC converters. These two devices are
functionally equivalent except the switching current limit. The ACE707A is for lower power systems with
100mA current limit.
The ACE707A feature a wide input voltage. The operation voltage is ranged from 1V to 12V. A current
limited, fixed off-time control scheme conserves operating current, resulting in high efficiency over a broad
range of load current. They also feature low quiescent current, switching current limiting, low temperature
coefficient, etc.
Fewer tiny external components are required in the applications to save space and lower cost.
Furthermore, to ease its use in different systems, a disable terminal is designed to turn on or turn off the
chip.
The ACE707A are available in SOT-23-5 package.
Features
• Low Quiescent Current In Active Mode (Not Switching): 17μA Typical ,In Shutdown Mode: < 1μA
• Low Operating V
IN 1.0V Typical for ACE707A
• Low V
CESAT Switch 70mV Typical at 70mA for ACE707A
• High Output Voltage: up to 34V
• Fixed Off-Time Control
• Switching Current Limiting 100mA Typical for ACE707A
• Operating Temperature Range: -40℃ to 85℃
Application
• MP3, MP4
• Battery Power Supply System
• LCD/OLED Bias Supply
• Handheld Device
• Portable Communication Device


Similar Part No. - ACE707A

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE707C ACE-ACE707C Datasheet
401Kb / 9P
0.9 V startup, 1MHz, 300mA Iout, Low Iq, Synchronous Boost Converter
VER 1.1
ACE707P ACE-ACE707P Datasheet
898Kb / 10P
0.85V/12uA start-up Synchronous DC/DC Converter
VER 1.1
More results

Similar Description - ACE707A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT1308 ETC1-AT1308 Datasheet
377Kb / 15P
Preliminary Product Information Micro-Power Step up DC-DC Converter
logo
Aimtron Technology
AT1309 AIMTRON-AT1309 Datasheet
287Kb / 14P
Micro-Power Step up DC-DC Converter
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
BCD Semiconductor Manuf...
AP3015 BCDSEMI-AP3015 Datasheet
202Kb / 11P
MICRO POWER STEP-UP DC-DC CONVERTER
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
Step-up DC/DC Converter
logo
Silicon Standard Corp.
SS8028 SSC-SS8028 Datasheet
154Kb / 9P
Micro-Power Step-up DC/DC Converter
SS8051 SSC-SS8051 Datasheet
433Kb / 9P
Micro-Power Step-up DC/DC Converter
logo
Global Mixed-mode Techn...
AT1308A GMT-AT1308A Datasheet
73Kb / 1P
Micro-Power Step up DC-DC Converter
logo
Leshan Radio Company
LR8304 LRC-LR8304 Datasheet
582Kb / 13P
Low Power DC-DC Step-Up Converter
logo
Diodes Incorporated
AP3015 DIODES-AP3015 Datasheet
566Kb / 11P
MICRO POWER STEP-UP DC-DC CONVERTER
Rev. 1 - 4 May 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com