Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE707A Datasheet(PDF) 7 Page - ACE Technology Co., LTD.

Part # ACE707A
Description  Micro Power Step-up DC-DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE707A Datasheet(HTML) 7 Page - ACE Technology Co., LTD.

  ACE707A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE707A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE707A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE707A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE707A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE707A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE707A Datasheet HTML 7Page - ACE Technology Co., LTD. ACE707A Datasheet HTML 8Page - ACE Technology Co., LTD. ACE707A Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
 
                                                                                                                  
ACE707A
                        Technology
Micro Power Step-up DC-DC Converter
 
VER 1.2
7
The ACE707A contain additional circuitry to provide protection during start-up or under short-circuit
conditions. When the FB pin voltage is lower than approximately 0.6V, the switch off-time is increased to
1.5μs and the current limit is reduced to about 250mA (70mA for ACE707A). This reduces the average
inductor current and helps to minimize the power dissipation in the ACE707A power switch, in the
external inductor and in the diode.
The SHDN pin can be used to turn off the ACE707A and reduce the IQ to less than 1μA. In shutdown
mode the output voltage will be a diode drop below the input voltage.
Typical Application
Vin
L1
D1
Vout
2.5V to 4.2V
10uH
SS14
20V
R1
2M
C1
Vin
SW
C2
4.7 uF
ACE707A
1uF
RLOAD
SHEN
FB
GND
R2
130K
C1, C2: X5R or X7R Ceramic Capacitor
L1: SUMIDA CDRH4D16FB/NP-100MC or Equivalent
Figure 11. ACE707A Typical Application in LCD/OLED Bias Supply
ACE707A
C1, C2, C3: X5R or X7R Ceramic Capacitor
L1: SUMIDA CDRH4D16FB/NP-100MC or Equivalent
Figure 12. ACE707A Typical Application in 1 or 2 Cells to 3.3V Boost Converter



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com