Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE707A Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE707A
Description  Micro Power Step-up DC-DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE707A Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE707A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE707A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE707A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE707A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE707A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE707A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE707A Datasheet HTML 7Page - ACE Technology Co., LTD. ACE707A Datasheet HTML 8Page - ACE Technology Co., LTD. ACE707A Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
 
                                                                                                                  
ACE707A
                        Technology
Micro Power Step-up DC-DC Converter
 
VER 1.2
4
Electrical Characteristics
VIN=VSHDN=1.2V, TA=25℃, unless otherwise specified.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Voltage
VIN
1.0
12
V
Not Switching
17
30
Quiescent Current
IQ
VSHDN=0V
1
μA
Feedback Voltage
VFB
1.205
1.23
1.255
V
FB Comparator Hysteresis
VFBH
8
mV
FB Pin Bias Current
IFB
VFB=1.23V
30
80
nA
Output Voltage Line Regulation
LNR
1.2V<VIN<12V
0.05
0.1
%/V
Switching Current Limit
IL
75
100
125
mA
Switch Saturation Voltage
VCESAT
ISW=70mA
70
120
mV
VFB>1V
400
nS
Switch Off Time
TOFF
VFB<0.6V
1.5
μS
SHDN Input Threshold High
VTH
0.9
SHDN Input Threshold Low
VTL
0.25
V
VSHDN=1.2V
2
3
SHDN Pin Current
ISHDN
VSHDN=5V
8
12
μA
Switch Leakage Current
ISWL
Switch Off, VSW=5V
0.01
5
μA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com