Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2129A Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PCF2129A
Description  Integrated RTC, TCXO and quartz crystal
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2129A Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PCF2129A Datasheet HTML 19Page - NXP Semiconductors PCF2129A Datasheet HTML 20Page - NXP Semiconductors PCF2129A Datasheet HTML 21Page - NXP Semiconductors PCF2129A Datasheet HTML 22Page - NXP Semiconductors PCF2129A Datasheet HTML 23Page - NXP Semiconductors PCF2129A Datasheet HTML 24Page - NXP Semiconductors PCF2129A Datasheet HTML 25Page - NXP Semiconductors PCF2129A Datasheet HTML 26Page - NXP Semiconductors PCF2129A Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 68 page
background image
PCF2129A_1
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 13 January 2010
23 of 68
NXP Semiconductors
PCF2129A
Integrated RTC, TCXO and quartz crystal
8.8.3 Register Hours
[1]
Hour mode is set by the bit 12_24 in register Control_1.
8.8.4 Register Days
[1]
The RTC compensates for leap years by adding a 29th day to February if the year counter contains a value
which is exactly divisible by 4, including the year 00.
8.8.5 Register Weekdays
Although the association of the weekdays counter to the actual weekday is arbitrary, the
PCF2129A will assume Sunday is 000 and Monday is 001 for the purposes of determining
the increment for calendar weeks.
[1]
These bits may be re-assigned by the user.
Table 18.
Hours - hours register (address 05h) bit description
Bit
Symbol
Value
Place value Description
7to6 -
-
-
unused
12 hour mode[1]
5
AMPM
0
-
indicates AM
1
-
indicates PM
4
HOURS
0 to 1
ten’s place
actual hours coded in BCD format when in
12 hour mode
3to0
0to9
unit place
24 hour mode[1]
5 to 4 HOURS
0 to 2
ten’s place
actual hours coded in BCD format when in
24 hour mode
3to0
0to9
unit place
Table 19.
Days - days register (address 06h) bit description
Bit
Symbol
Value
Place value Description
7to6 -
-
-
unused
5to4 DAYS[1]
0 to 3
ten’s place
actual day coded in BCD format
3to0
0to9
unit place
Table 20.
Weekdays - weekdays register (address 07h) bit description
Bit
Symbol
Value
Description
7to3 -
-
unused
2 to 0 WEEKDAYS
0 to 6
actual weekday value, see Table 21
Table 21.
Weekday assignments
Day[1]
Bit
2
1
0
Sunday
0
0
0
Monday
0
0
1
Tuesday
0
1
0
Wednesday
0
1
1
Thursday
1
0
0
Friday
1
0
1
Saturday
110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com