Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2129A Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCF2129A
Description  Integrated RTC, TCXO and quartz crystal
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2129A Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCF2129A Datasheet HTML 5Page - NXP Semiconductors PCF2129A Datasheet HTML 6Page - NXP Semiconductors PCF2129A Datasheet HTML 7Page - NXP Semiconductors PCF2129A Datasheet HTML 8Page - NXP Semiconductors PCF2129A Datasheet HTML 9Page - NXP Semiconductors PCF2129A Datasheet HTML 10Page - NXP Semiconductors PCF2129A Datasheet HTML 11Page - NXP Semiconductors PCF2129A Datasheet HTML 12Page - NXP Semiconductors PCF2129A Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
PCF2129A_1
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 13 January 2010
9 of 68
NXP Semiconductors
PCF2129A
Integrated RTC, TCXO and quartz crystal
8.2.2 Register Control_2
[1]
Default value.
[2]
When writing to the register this bit has always to be set logic 0.
Table 6.
Control_2 - control and status register 2 (address 01h) bit description
Bit
Symbol
Value
Description
Reference
7MSF
0
[1]
no minute or second interrupt generated
Section 8.12
1
flag set when minute or second interrupt
generated;
flag must be cleared to clear interrupt
6WDTF
0
[1]
no watchdog timer interrupt or reset
generated
Section 8.12.3
1
flag set when watchdog timer interrupt or
reset generated;
flag cannot be cleared by using the
interface (read-only)
5TSF2
0
[1]
no timestamp interrupt generated
Section 8.11.1
1
flag set when TS input is driven to ground;
flag must be cleared to clear interrupt
4AF
0
[1]
no alarm interrupt generated
Section 8.9.6
1
flag set when alarm triggered;
flag must be cleared to clear interrupt
3T
0
[2]
unused
-
2TSIE
0
[1]
no interrupt generated from timestamp flag
Section 8.12.5
1
interrupt generated when timestamp flag set
1AIE
0
[1]
no interrupt generated from the alarm flag
Section 8.12.4
1
interrupt generated when alarm flag set
0T
0
[2]
unused
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com