| Electronic Components Datasheet Search |
|
PCF2129A Datasheet(PDF) 45 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2129A Datasheet(HTML) 45 Page - NXP Semiconductors |
|
45 / 68 page ![]() PCF2129A_1 © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 01 — 13 January 2010 45 of 68 NXP Semiconductors PCF2129A Integrated RTC, TCXO and quartz crystal 9.1 SPI-bus interface Data transfer to and from the device is made via a 3 line SPI-bus (see Table 48). The data lines for input and output are split. The data input and output line can be connected together to facilitate a bidirectional data bus (see Figure 27). The SPI-bus is initialized whenever the chip enable line pin CE is inactive. [1] The chip enable must not be wired permanently LOW. 9.1.1 Data transmission The chip enable signal is used to identify the transmitted data. Each data transfer is a byte, with the Most Significant Bit (MSB) sent first. The transmission is controlled by the active LOW chip enable signal SDA/CE. The first byte transmitted is the command byte. Subsequent bytes will be either data to be written or data to be read (see Figure 28). The command byte defines the address of the first register to be accessed and the read/write mode. The address counter will auto increment after every access and will reset to zero after the last valid register is accessed. The read/write bit (R/W) defines if the following bytes will be read or write information. Fig 27. SDI, SDO configurations Table 48. Serial interface Symbol Function Description SDA/CE chip enable input; active LOW [1] when HIGH, the interface is reset; input may be higher than VDD SCL serial clock input when CE is HIGH, input may float; input may be higher than VDD SDI serial data input when CE is HIGH, input may float; input may be higher than VDD; input data is sampled on the rising edge of SCL SDO serial data output push-pull output; drives from VSS to VBBS; output data is changed on the falling edge of SCL 001aai560 SDI two wire mode SDO SDI single wire mode SDO Fig 28. Data transfer overview 001aaj347 data bus CE COMMAND DATA DATA DATA |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |