| Electronic Components Datasheet Search |
|
PCF2129A Datasheet(PDF) 40 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2129A Datasheet(HTML) 40 Page - NXP Semiconductors |
|
40 / 68 page ![]() PCF2129A_1 © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 01 — 13 January 2010 40 of 68 NXP Semiconductors PCF2129A Integrated RTC, TCXO and quartz crystal The interrupt is cleared when the flag WDTF is reset. WDTF is a read only bit and cannot be cleared by using the interface. Instructions for clearing it can be found in Section 8.10.5. 8.12.4 Alarm interrupts Generation of interrupts from the alarm function is controlled via the bit AIE (register Control_2). If AIE is enabled, the INT pin will follow the status of bit AF (register Control_2). Clearing AF will immediately clear INT. No pulse generation is possible for alarm interrupts. 8.12.5 Timestamp interrupts Interrupt generation from the timestamp function is controlled using the TSIE bit (register Control_2). If TSIE is enabled the INT pin follows the status of the flags TSFx. Clearing the flags TSFx immediately clears INT. No pulse generation is possible for timestamp interrupts. 8.12.6 Battery switch-over interrupts Generation of interrupts from the battery switch-over is controlled via the BIE bit (register Control_3). If BIE is enabled, the INT pin follows the status of bit BF (register Control_3). Clearing BF immediately clears INT. No pulse generation is possible for battery switch-over interrupts. 8.12.7 Battery low detection interrupts Generation of interrupts from the battery low detection is controlled via the BLIE bit (register Control_3). If BLIE is enabled the INT pin will follow the status of bit BLF (register Control_3). The interrupt is cleared when the battery is replaced (BLF is logic 0) or when bit BLIE is disabled (BLIE is logic 0). BLF is read only and therefore cannot be cleared via the interface. Example where only the minute alarm is used and no other interrupts are enabled. Fig 23. AF timing diagram 001aaf910 44 45 minute counter minute alarm AF INT SCL instruction 45 CLEAR INSTRUCTION 8th clock |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |