Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3525 Datasheet(PDF) 125 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 125 Page - ams AG

Back Button AS3525 Datasheet HTML 121Page - ams AG AS3525 Datasheet HTML 122Page - ams AG AS3525 Datasheet HTML 123Page - ams AG AS3525 Datasheet HTML 124Page - ams AG AS3525 Datasheet HTML 125Page - ams AG AS3525 Datasheet HTML 126Page - ams AG AS3525 Datasheet HTML 127Page - ams AG AS3525 Datasheet HTML 128Page - ams AG AS3525 Datasheet HTML 129Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
125
- 194
7.4.3.8
Register Description
Table 103 System Register
Name
Base
Default
System
I2C audio master
0x21
System Settings Register
Offset: 0x20
This register is reset at a DVDD-POR.
Bit
Bit Name
Default
Access
Bit Description
7:4
Version <3:0>
0010
R
AFE number to identify the design version
0010: revision 2
3
PVDDp
0
R/W
PVDD trimming:
0: Vnom
1: Vnom *17/18
2
IOVDDp
0
R/W
IOVDD trimming:
0: IOVDD = 3.11V (nominal)
1: IOVDD = 2.94V
1
EnWDogPwdn
0
R/W
0: forced power down through watchdog is disabled
1: forced power down through watchdog is enabled (no serial
interface reading within 1s)
0
PwrUpHld
1
R/W
0: power up hold is cleared and supply is switched off
1: set to on after power on
Table 104 USB_UTIL Register
Name
Base
Default
USB_UTIL
I2C audio master
0x00
USB Utility Register
Offset: 0x17
This register is reset at a DVDD-POR.
Bit
Bit Name
Default
Access
Bit Description
7..5
000
n/a
4
LDO6_on
0
R/W
0: UVDD generation disabled
1: LDO6 for generating UVDD enabled.
3:2
COMP_TH<1:0>
0
R/W
Sets the threshold for the VBUS comparator
00: 4.5V
01: 3.18V
10: 1.5V
11: 0.6V
1
SKIP_ENAB
0
R/W
0: normal operation
1: enables the skip mode for the VBUS 1:2 charge pump. This
is increasing the efficiency for smaller loads, but increasing
the VBUS ripple.
0
CP_5V_on
0
R/W
0: disables VBUS charge pump
1: enables VBUS charge pump



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com