Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3910 Datasheet(PDF) 17 Page - ams AG

Part # AS3910
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3910 Datasheet(HTML) 17 Page - ams AG

Back Button AS3910 Datasheet HTML 13Page - ams AG AS3910 Datasheet HTML 14Page - ams AG AS3910 Datasheet HTML 15Page - ams AG AS3910 Datasheet HTML 16Page - ams AG AS3910 Datasheet HTML 17Page - ams AG AS3910 Datasheet HTML 18Page - ams AG AS3910 Datasheet HTML 19Page - ams AG AS3910 Datasheet HTML 20Page - ams AG AS3910 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
www.austriamicrosystems.com/HF_RFID_Reader/AS3910
Revision 2.3
17 - 47
AS3910
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
8.9.1 Serial Peripheral Interface (SPI)
Maximum Operation Frequency of the Serial Peripheral Interface is 20 MHz.
8.9.2 SPI Operation MODE Bits
When signal SEN is low, the SPI interface is in reset and SDATAO is in tristate; when it is high, SPI interface is enabled. It is recommended to
keep signal SEN low whenever the SPI interface is not in use. SDATAI is sampled at the falling edge of SCLK. All communication is done in
blocks of 8 bits (bytes). First two bits of first byte transmitted after low to high transition of SEN define SPI operation mode. Table 7 defines
possible modes:
8.9.3 Writing of Data to Addressable Registers (WRITE Mode)
SDATAI is sampled at the falling edge of SCLK (see Figure 5, Figure 6). A SEN LOW pulse indicates the end of the WRITE command after
register has been written. Auto incrementing address is supported, which means that if after the address and first data byte some additional data
bytes are sent, they are then written to addresses incremented by 1. In case the command is terminated by putting SEN low before a packet of 8
bits composing one byte is sent, writing of this register is not performed. In case the register on the defined address does not exist or it is a read
only register, no write is performed. Following examples show cases of writing a single byte and writing multiple bytes with auto-incrementing
address.
Figure 5. Writing of a Single Byte (falling edge sampling)
Table 6. Serial Peripheral Interface (4-wire Interface) Signal Lines
Name
Signal
Signal Level
Description
SEN
Digital Input with pull down
CMOS
SPI Enable
SDATAI
Digital Input
CMOS
Serial Data input
SDATAO
Digital Output with tristate
CMOS
Serial Data output
SCLK
Digital Input
CMOS
Clock for serial communication
Table 7. SPI Operation Patterns <A7-A6>
MODE
MODE Pattern (com. bits)
MODE Related Data
MODE
Register Address
Register Data
M1
M0
C5
C4
C3
C2
C1
C0
D7
D6
D5
D4
D3
D2
D1
D0
WRITE Mode
0
0
A5
A4
A3
A2
A1
A0
WD7 WD6 WD5 WD4 WD3 WD2 WD1 WD0
READ Mode
0
1
A5
A4
A3
A2
A1
A0
RD7
RD6
RD5
RD4
RD3
RD2
RD1
RD0
FIFO Load
100
00
000
WD7 WD6 WD5 WD4 WD3 WD2 WD1 WD0
FIFO Read
1
0
1
1
1
1
1
1
RD7
RD6
RD5
RD4
RD3
RD2
RD1
RD0
COMMAND Mode
1
1
C5
C4
C3
C2
C1
C0
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
X
0
0
X
SEN falling
edge signals
end of WRITE
Mode
Data is moved to
Address
A5-A0
SCLK
falling edge
Data is sampled
SCLK raising
edge data is
transferred from
µC
Two leading
Zeros indicate
WRITE Mode
SDATAI
SCLK
SEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com