Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3910 Datasheet(PDF) 26 Page - ams AG

Part # AS3910
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3910 Datasheet(HTML) 26 Page - ams AG

Back Button AS3910 Datasheet HTML 22Page - ams AG AS3910 Datasheet HTML 23Page - ams AG AS3910 Datasheet HTML 24Page - ams AG AS3910 Datasheet HTML 25Page - ams AG AS3910 Datasheet HTML 26Page - ams AG AS3910 Datasheet HTML 27Page - ams AG AS3910 Datasheet HTML 28Page - ams AG AS3910 Datasheet HTML 29Page - ams AG AS3910 Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 47 page
background image
www.austriamicrosystems.com/HF_RFID_Reader/AS3910
Revision 2.3
26 - 47
AS3910
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
Note:
Default setting is set at power up and after Set Default command.
Note:
Default setting is set at power up and after Set Default command.
Table 14. Configuration Register 4
Address # 04: Configuration Register 4 (ISO-14443B)
type: RW
Bit
Name
Def.
Function
Comments
7
egt2
0
egt2
egt1
egt0
number of EGT
EGT time defined in number of etu
6
egt1
0
0
0
0
0
5
egt0
0
001
1
-
-
-
-
-
-
-
-
110
6
111
6
4sof_0
0
0
→ 10 etu, 1 → 11 etu
SOF, number of etu with logic 0 (10 or 11)
3sof_1
0
0
→ 2 etu, 1 → 3 etu
SOF, number of etu with logic 1 (2 or 3)
2
eof
0
0
→ 10 etu, 1 → 11 etu
EOF, number of etu with logic 0 (10 or 11)
1
egt
0
0
→ no EGT after last character,
1
→ EGT after each character
0
Not used
Table 15. Configuration Register 5
Address # 05: Configuration Register 5
type: RW
Bit
Name
Def.
Function
Comments
7pmd
0
1
→ PM demodulation
0
→ AM demodulation
AM/PM demodulation selection
6am
0
0
→ OOK, 1 → AM
Valid for Transparent mode. For ISO-14443 and
NFC modes, modulation type is set automatically
(ISO-14443A and NFC is OOK, ISO-14443B is AM)
(see Table 26)
5
Not used
4
3
2
fifo_lr
0
0
→ 28, 1 → 24
FIFO water level for receive
1
fifo_lt
0
0
→ 4, 1 → 8
FIFO water level for transmit
0
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com