Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3910 Datasheet(PDF) 27 Page - ams AG

Part # AS3910
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3910 Datasheet(HTML) 27 Page - ams AG

Back Button AS3910 Datasheet HTML 23Page - ams AG AS3910 Datasheet HTML 24Page - ams AG AS3910 Datasheet HTML 25Page - ams AG AS3910 Datasheet HTML 26Page - ams AG AS3910 Datasheet HTML 27Page - ams AG AS3910 Datasheet HTML 28Page - ams AG AS3910 Datasheet HTML 29Page - ams AG AS3910 Datasheet HTML 30Page - ams AG AS3910 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 47 page
background image
www.austriamicrosystems.com/HF_RFID_Reader/AS3910
Revision 2.3
27 - 47
AS3910
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
Note:
Default setting is set at power up and after Set Default command, filter selection bits are preset also when ISO mode or receive data
rate change.
Table 16. Receiver Configuration Register
Address # 06: Receiver Configuration Register
type: RW
Bit
Name
Def.
Function
Comments
7
agc_en
0
1
→ AGC is enabled
AGC operation mode
6
agc_m
0
1
→ AGC operate on first eight subcarrier pulses
0
→ AGC operate during complete receive period
5rg2
0
rg2
rg1
rg0
Gain reduction
Gain reduction in 3dB steps. From 0
to 21dB.
4
rg1
00
00
0
3rg0
0
00
1
3 dB
-
-
-
-
-
-
-
-
1
1
1
21 dB
2fs2
0
fs2
fs1
fs0
Filter Selection
Comment
Filter selection is automatically set
when ISO mode or receive data rate
change (Change of ISO mode
definition register). After automatic
preset filter, selection can be
changed by writing these bits.
1
fs1
00
00
ISO-14443A 106 kb/s
Automatic preset
0fs0
0
00
1
ISO-14443B 106 kb/s
Automatic preset
01
0
ISO-14443A/B 212 kb/s
Automatic preset
01
1
ISO-14443A/B 424 kb/s
Automatic preset
10
0
ISO-14443A/B 848 kb/s
Automatic preset
11
0
424/484 kHz subcarriers
No automatic preset
11
1
212 kHz
No automatic preset
Other combinations not supported or used for
block testing purposes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com