Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3910 Datasheet(PDF) 18 Page - ams AG

Part # AS3910
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3910 Datasheet(HTML) 18 Page - ams AG

Back Button AS3910 Datasheet HTML 14Page - ams AG AS3910 Datasheet HTML 15Page - ams AG AS3910 Datasheet HTML 16Page - ams AG AS3910 Datasheet HTML 17Page - ams AG AS3910 Datasheet HTML 18Page - ams AG AS3910 Datasheet HTML 19Page - ams AG AS3910 Datasheet HTML 20Page - ams AG AS3910 Datasheet HTML 21Page - ams AG AS3910 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 47 page
background image
www.austriamicrosystems.com/HF_RFID_Reader/AS3910
Revision 2.3
18 - 47
AS3910
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
Figure 6. Writing of Register Data with Auto-Incrementing Address
8.9.4 Reading of Data from Addressable Registers (READ Mode)
The command control Byte for a read command consists of a command code and an address. After the command code, the address of register
to be read has to be provided from the MSB to the LSB. Then one or more data bytes can be transferred from the SPI slave to the master, always
from the MSB to the LSB. As in case of the write command also the read command supports auto-incrementing address. To transfer bytes from
consecutive addresses, SPI master has to keep the SEN signal high and the SCLK has to be active as long as data need to be read from the
slave.
SDATAI is sampled at the falling edge of SCLK (like shown in the following diagrams), data to be read from the AS3910 internal register is driven
to SDATAO pin on rising edge of SCLK and is sampled by the master (μC) at the falling edge of SCLK.
A SEN LOW pulse has to be performed after register data has been transferred in order to indicate the end of the READ command and prepare
the Interface to the next command control Byte.
In case the register on defined address does not exist all 0 data is sent to SDATAO. Figure 7 illustrates an example for reading of a single byte.
Figure 7. Reading of a Single Register Byte
A5 A4 A3 A2 A1 A0 D7 D6 D5 D4D3 D2 D1 D0
X
0
0
X
SEN fall-
ing edge
signals
end of
WRITE
Mode
Data is moved to
Address
<A5-A0> + n
Two leading
Zeros indicate
WRITE Mode
SDATAI
SCLK
SEN
D7 D6 D5 D4 D3 D2 D1 D0 D7 D6
D1 D0 D7 D6 D5 D4 D3 D2 D1 D0
Data is moved to
Address
<A5-A0> + (n-1)
Data is moved to
Address
<A5-A0> + 1
Data is moved to
Address
<A5-A0>
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
X
SEN falling
edge signals
end of READ
Mode
SCLK
raising edge
Data is moved
from Address
<A5-A0>
SCLK
falling edge
Data is
transferred
to µC
SDATAI
SCLK
SEN
X
X
SDATAO
SCLK
falling edge
Data is sampled
SCLK raising
edge data is
transferred from
µC
01 pattern indi-
cates READ
Mode
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com