Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5030 Datasheet(PDF) 18 Page - ams AG

Part # AS5030
Description  8 BIT PROGRAMMABLE HIGH SPEED MAGNETIC ROTARY ENCODER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5030 Datasheet(HTML) 18 Page - ams AG

Back Button AS5030_1 Datasheet HTML 14Page - ams AG AS5030_1 Datasheet HTML 15Page - ams AG AS5030_1 Datasheet HTML 16Page - ams AG AS5030_1 Datasheet HTML 17Page - ams AG AS5030_1 Datasheet HTML 18Page - ams AG AS5030_1 Datasheet HTML 19Page - ams AG AS5030_1 Datasheet HTML 20Page - ams AG AS5030_1 Datasheet HTML 21Page - ams AG AS5030_1 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
AS5030 8-bit Programmable Magnetic Rotary Encoder
Rev. 1.8
www.austriamicrosystems.com
Page 18 of 33
Programming in Daisy Chain mode
Programming in Daisy chain mode is possible for both 3-wire and 2-wire mode (see Figure 17 and Figure 19). For temporary
programming (soft write), no additional connections are required. Programming is executed with the respective programming
commands (see 5.2). For permanent programming, the programming voltage must be applied on pin#2 (PROG) of the device to
be programmed. It is also possible to apply the programming voltage simultaneously to all devices, as the actual programming
is only executed by a software command.
A parallel connection of all PROG-pins allows digital programming verification but does not allow analog programming
verification (see 5.4).
If analog programming verification is required, each PROG pin must be selected individually for verification.
5.4
Programming Verification
After programming, the programmed OTP bits may be
verified in two ways:
- By digital verification:
this is simply done by sending a READ OTP command (#0FH
see 5.2.3). The structure of this register is the same as for
the OTP PROG or OTP WRITE commands.
- By analog verification:
By sending an ANALOG OTP READ command (#09H), pin
PROG becomes an output, sending an analog voltage with
each clock, representing a sequence of the bits in the OTP
register. A voltage of <500mV indicates a correctly
programmed bit (“1”) while a voltage level between 2.2V and
3.5V indicates a correctly unprogrammed bit (“0”). Any
voltage level in between indicates improper programming.
Figure 23: Analog OTP verification
6 AS5030 Status Indicators
Refer to 5.2.1
6.1
C2 Status Bit
This bit represents the hardware connection of the C2 configuration pin (#15) to determine, which hardware configuration is
selected for the AS5030 in question.
C2 = low : pin C2 is low, indicating that the AS5030 is in 3-wire mode or a member of a 2-wire daisy chain connection (except
the last; see 4.21)
C2 = high: pin C2 is high, indicating that the AS5030 is in 2-wire mode and/or the last member of a 2-wire daisy chain
connection (see 4.22)
6.2
Lock Status Bit
The Lock signal indicates the ADC lock status. If Lock = low (ADC unlocked), the angle information is invalid.
To determine a valid angular signal at best performance, the following indicators should be set:
Lock = 1
AGC > 00H and < 2FH
Note that the angle signal may also be valid (Lock = 1), when the AGC is out of range (00H or 2FH), but the accuracy of the
AS5030 may be reduced due to the out of range condition of the magnetic field strength.
6.3
Magnetic Field Strength Indicators
The AS5030 is not only able to sense the angle of a rotating magnet, it can also measure the magnetic field strength (and hence
the vertical distance) of the magnet.
This extra feature can be used for several purposes:
•
as a safety feature by constantly monitoring the presence and proper vertical distance of the magnet
•
as a state-of-health indicator, e.g. for a power-up self test
•
as a pushbutton feature for rotate-and-push types of manual input devices
AS5030
Micro
Controller
100n
CS
CLK
DIO
+5V
VDD
VSS
VSS
C2
VDD
VDD
13
11
10
12
15
C1
VSS
3
14
I/O
Output
Output
PROG
2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com