Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5030 Datasheet(PDF) 6 Page - ams AG

Part # AS5030
Description  8 BIT PROGRAMMABLE HIGH SPEED MAGNETIC ROTARY ENCODER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5030 Datasheet(HTML) 6 Page - ams AG

Back Button AS5030_1 Datasheet HTML 2Page - ams AG AS5030_1 Datasheet HTML 3Page - ams AG AS5030_1 Datasheet HTML 4Page - ams AG AS5030_1 Datasheet HTML 5Page - ams AG AS5030_1 Datasheet HTML 6Page - ams AG AS5030_1 Datasheet HTML 7Page - ams AG AS5030_1 Datasheet HTML 8Page - ams AG AS5030_1 Datasheet HTML 9Page - ams AG AS5030_1 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
AS5030 8-bit Programmable Magnetic Rotary Encoder
Rev. 1.8
www.austriamicrosystems.com
Page 6 of 33
4.4
Magnet Specifications
Recommended magnet:
NdFeB 35H BR = 12.000 Gauss, Ø6mm x 2.5mm
Parameter
Symbol
Min
Typ
Max
Unit
Note
Magnet diameter
MD
6
mm
diametrically magnetized
Magnet thickness
MT
2.5
mm
Magnetic Input Range
Bi
20
80
mT
at chip surface, on a radius of
1mm
Magnet rotation speed
vi
30,000
rpm
to maintain locked state
Magnetic field high
detection
Bmax
52
Tamb=25°C, AGC@lower limit,
1 sigma = 2.5mT
Magnetic field low
detection
Bmin
23
mT
Tamb=25°C, AGC@upper limit,
1 sigma = 1.5mT
Hall Array radius
1
mm
over x/y chip center
vertical distance of
magnet
0.5
1
1.8
mm
Recommended distance;
operation outside this range is
possible, accuracy may be
reduced
0.25
from diagonal package center
Horizontal magnet
displacement radius
0.5
mm
from diagonal IC center
-0.12
NdFeB Material
Recommended magnet
material and temperature
drift
tkM
-0.035
%/K
SmCo Material
4.5
Magnetic Field Alarm Limits
Parameter
Symbol
Min
Typ
Max
Unit
Note
Magnetic field too low
alarm limit
AGCFF
20.3
23.6
mT
AGC = FFH
untrimmed, 25°C, 1sigma
Magnetic field too high
alarm limit
AGC0
44.5
52.2
mT
AGC = 0H
untrimmed, 25°C, 1sigma
Magnetic field alarm limit
trim range
100
121
%
see 4.6
Temperature coefficient
of alarm ranges1)
0.052
%/K
Sensitivity increases with
temperature which partly
compensates the temperature
coefficient of the magnet
4.6
Hall Element sensitivity options
Parameter
Symbol
Min
Typ
Max
Unit
Note
100
sens = 00 (default;
low sensitivity; see 5.2.4)
106
sens = 01
113
sens = 10
Hall Element sensitivity
setting
sens
121
%
sens = 11 (high sensitivity)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com