Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5030 Datasheet(PDF) 26 Page - ams AG

Part # AS5030
Description  8 BIT PROGRAMMABLE HIGH SPEED MAGNETIC ROTARY ENCODER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5030 Datasheet(HTML) 26 Page - ams AG

Back Button AS5030_1 Datasheet HTML 22Page - ams AG AS5030_1 Datasheet HTML 23Page - ams AG AS5030_1 Datasheet HTML 24Page - ams AG AS5030_1 Datasheet HTML 25Page - ams AG AS5030_1 Datasheet HTML 26Page - ams AG AS5030_1 Datasheet HTML 27Page - ams AG AS5030_1 Datasheet HTML 28Page - ams AG AS5030_1 Datasheet HTML 29Page - ams AG AS5030_1 Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
AS5030 8-bit Programmable Magnetic Rotary Encoder
Rev. 1.8
www.austriamicrosystems.com
Page 26 of 33
10 Choosing the proper magnet
There is no strict requirement on the type or shape of the magnet to
be used with the AS5030. It can be cylindrical as well as square in
shape. The key parameter is that the vertical magnetic field Bz,
measured at a radius of 1mm from the rotation axis is sinusoidal
with a peak amplitude of 20 ~ 80mT (see Figure 31).
10.1 Magnet Placement:
Ideally, the center of the magnet, the diagonal center of the IC and
the rotation axis of the magnet should be in one vertical line.
The lateral displacement of the magnet should be within
±
0.25mm from the IC package center or ± 0.5mm from the IC center,
including the placement of the chip within the IC package.
The vertical distance should be chosen such that the magnetic field
on the die surface is within the specified limits. The typical
distance “z” between the magnet and the package surface is 0.5mm
to 1.8mm with the recommended magnet (6mm x 2.5mm). Larger
gaps are possible, as long as the required magnetic field strength
stays within the defined limits.
A magnetic field outside the specified range may still produce
acceptable results, but with reduced accuracy. The out-of-range
condition will be indicated, when the AGC is at the limits
(AGC= 0 : field too strong;
AGC=63=(3FH): field too weak or missing magnet.
Figure 31: Vertical magnetic fields of a rotating magnet
Figure 32: Bz field distribution along the x-axis of a 6mmØ diametric magnetized magnet
Bz; 6mm magnet @y=0; z=1mm
-150
-100
-50
0
50
100
150
-3,5
-2,5
-1,5
-0,5
0,5
1,5
2,5
3,5
X-displacement [mm]
N
S
Hall elements (side view)
N
S
Magnet axis
Vertical field
component
(20…80mT)
0
360
360
Bz
Vertical field
component
R1 concentric circle;
radius 1.0 mm
R1
Magnet axis
typ. 6mm diameter
S
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com