Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5030 Datasheet(PDF) 20 Page - ams AG

Part # AS5030
Description  8 BIT PROGRAMMABLE HIGH SPEED MAGNETIC ROTARY ENCODER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5030 Datasheet(HTML) 20 Page - ams AG

Back Button AS5030_1 Datasheet HTML 16Page - ams AG AS5030_1 Datasheet HTML 17Page - ams AG AS5030_1 Datasheet HTML 18Page - ams AG AS5030_1 Datasheet HTML 19Page - ams AG AS5030_1 Datasheet HTML 20Page - ams AG AS5030_1 Datasheet HTML 21Page - ams AG AS5030_1 Datasheet HTML 22Page - ams AG AS5030_1 Datasheet HTML 23Page - ams AG AS5030_1 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
AS5030 8-bit Programmable Magnetic Rotary Encoder
Rev. 1.8
www.austriamicrosystems.com
Page 20 of 33
7 High Speed Operation
The AS5030 is using a fast tracking ADC (TADC) to determine the angle of the magnet. The TADC has a tracking rate of 1.15µs
(typ).
Once the TADC is synchronized with the angle, it sets the LOCK bit in the status register (see 5.2.1). In worst case, usually at
start-up, the TADC requires a maximum of 127 steps (127 * 1.15µS = 146.05µs) to lock. Once it is locked, it requires only one
cycle (1.15µs) to track the moving magnet.
The AS5030 can operate in locked mode at rotational speeds up to 30,000 rpm.
In Low Power Mode or Ultra Low Power Mode, the position of the TADC is frozen. It will continue from the frozen position once
it is powered up again. If the magnet has moved during the power down phase, several cycles will be required before the TADC
is locked again. The tracking time to lock in with the new magnet angle can be roughly calculated as:
OldPos
NewPos
s
t
LOCK
−
∗
=
μ
15
.
1
tLOCK =
time required to acquire the new angle after power up from one of the reduced power modes [µs]
OldPos =
Angle position when one of the reduced power modes is activated [°]
NewPos =
Angle position after resuming from reduced power mode [°]
7.1
Propagation Delay
The Propagation delay is the time required from reading the magnetic field by the Hall sensors to calculating the angle and
making it available on the serial or PWM interface. While the propagation delay is usually negligible on low speeds it is an
important parameter at high speeds.
The longer the propagation delay, the larger becomes the angle error for a rotating magnet as the magnet is moving while the
angle is calculated. The position error increases linearly with speed.
The main factors contributing to the propagation delay are:
7.1.1
ADC Sampling Rate
For high speed applications, fast ADC’s are essential. The ADC sampling rate directly influences the propagation delay. The
fast tracking ADC used in the AS5030 with a tracking rate of only 1.15µs (typ.) is a perfect fit for both high speed and high
performance.
7.1.2
Chip internal lowpass filtering
A commonplace practice for systems using analog-to-digital converters is to filter the input signal by an anti-aliasing filter. The
filter characteristic must be chosen carefully to balance propagation delay and noise.
The lowpass filter in the AS5030 has a cut-off frequency of typ. 23.8kHz and the overall propagation delay in the analog signal
path is typ. 15.6µs.
7.1.3
Digital readout rate
Aside from the chip-internal propagation delay, the time required to read and process the angle data must also be considered.
Due to its nature, a PWM signal is not very usable at high speeds, as you get only one reading per PWM period. Increasing the
PWM frequency may improve the situation but causes problems for the receiving controller to resolve the PWM steps. The
frequency on the AS5030 PWM output is typ. 1.95kHz with a resolution of 2µs/step.
A more suitable approach for high speed absolute angle measurement is using the serial interface. With a clock rate of up to
6MHz, a complete set of data (21bits) can be read in >3.5µs
7.2
Total propagation delay of the AS5030
The total propagation delay of the AS5030 is the delay in the analog signal path and the tracking rate of the ADC:
15.6µs + 1.15µs = 16.75µs.
If only the SIN-/COS-outputs are used, the propagation delay is the analog signal path delay only (typ. 15.6µs).
Position Error over speed
The angle error over speed caused by the propagation delay is calculated as:
Δφpd = rpm * 6 * 16.75E-6
in degrees.
In addition, the anti-aliasing filter causes an angle error calculated as:
Δφlpf = ArcTan [ rpm / ( 60*f0)]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com