Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC12F609T-I/MS Datasheet(PDF) 20 Page - Microchip Technology

Part # PIC12F609T-I/MS
Description  8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F609T-I/MS Datasheet(HTML) 20 Page - Microchip Technology

Back Button PIC12F609T-I/MS Datasheet HTML 16Page - Microchip Technology PIC12F609T-I/MS Datasheet HTML 17Page - Microchip Technology PIC12F609T-I/MS Datasheet HTML 18Page - Microchip Technology PIC12F609T-I/MS Datasheet HTML 19Page - Microchip Technology PIC12F609T-I/MS Datasheet HTML 20Page - Microchip Technology PIC12F609T-I/MS Datasheet HTML 21Page - Microchip Technology PIC12F609T-I/MS Datasheet HTML 22Page - Microchip Technology PIC12F609T-I/MS Datasheet HTML 23Page - Microchip Technology PIC12F609T-I/MS Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 212 page
background image
PIC12F609/615/617/12HV609/615
DS41302D-page 20
 2010 Microchip Technology Inc.
2.2.2.3
INTCON Register
The INTCON register is a readable and writable
register, which contains the various enable and flag bits
for TMR0 register overflow, GPIO change and external
GP2/INT pin interrupts.
Note:
Interrupt flag bits are set when an interrupt
condition occurs, regardless of the state of
its corresponding enable bit or the Global
Enable bit, GIE of the INTCON register.
User
software
should
ensure
the
appropriate interrupt flag bits are clear
prior to enabling an interrupt.
REGISTER 2-3:
INTCON: INTERRUPT CONTROL REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
GIE
PEIE
T0IE
INTE
GPIE
T0IF
INTF
GPIF
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
GIE: Global Interrupt Enable bit
1
= Enables all unmasked interrupts
0
= Disables all interrupts
bit 6
PEIE: Peripheral Interrupt Enable bit
1
= Enables all unmasked peripheral interrupts
0
= Disables all peripheral interrupts
bit 5
T0IE: Timer0 Overflow Interrupt Enable bit
1
= Enables the Timer0 interrupt
0
= Disables the Timer0 interrupt
bit 4
INTE: GP2/INT External Interrupt Enable bit
1
= Enables the GP2/INT external interrupt
0
= Disables the GP2/INT external interrupt
bit 3
GPIE: GPIO Change Interrupt Enable bit(1)
1
= Enables the GPIO change interrupt
0
= Disables the GPIO change interrupt
bit 2
T0IF: Timer0 Overflow Interrupt Flag bit(2)
1
= Timer0 register has overflowed (must be cleared in software)
0
= Timer0 register did not overflow
bit 1
INTF: GP2/INT External Interrupt Flag bit
1
= The GP2/INT external interrupt occurred (must be cleared in software)
0
= The GP2/INT external interrupt did not occur
bit 0
GPIF: GPIO Change Interrupt Flag bit
1
= When at least one of the GPIO <5:0> pins changed state (must be cleared in software)
0
= None of the GPIO <5:0> pins have changed state
Note 1:
IOC register must also be enabled.
2:
T0IF bit is set when TMR0 rolls over. TMR0 is unchanged on Reset and should be initialized before
clearing T0IF bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com