Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC12F609T-I/MS Datasheet(PDF) 74 Page - Microchip Technology

Part # PIC12F609T-I/MS
Description  8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F609T-I/MS Datasheet(HTML) 74 Page - Microchip Technology

Back Button PIC12F609T-I/MS Datasheet HTML 70Page - Microchip Technology PIC12F609T-I/MS Datasheet HTML 71Page - Microchip Technology PIC12F609T-I/MS Datasheet HTML 72Page - Microchip Technology PIC12F609T-I/MS Datasheet HTML 73Page - Microchip Technology PIC12F609T-I/MS Datasheet HTML 74Page - Microchip Technology PIC12F609T-I/MS Datasheet HTML 75Page - Microchip Technology PIC12F609T-I/MS Datasheet HTML 76Page - Microchip Technology PIC12F609T-I/MS Datasheet HTML 77Page - Microchip Technology PIC12F609T-I/MS Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 212 page
background image
PIC12F609/615/617/12HV609/615
DS41302D-page 74
 2010 Microchip Technology Inc.
9.10
Comparator Voltage Reference
The Comparator Voltage Reference module provides
an internally generated voltage reference for the
comparators. The following features are available:
• Independent from Comparator operation
• 16-level voltage range
• Output clamped to VSS
• Ratiometric with VDD
• Fixed Reference (0.6)
The VRCON register (Register 9-3) controls the
Voltage Reference module shown in Register 9-6.
9.10.1
INDEPENDENT OPERATION
The comparator voltage reference is independent of
the comparator configuration. Setting the VREN bit of
the VRCON register will enable the voltage reference.
9.10.2
OUTPUT VOLTAGE SELECTION
The
CVREF voltage reference has 2 ranges with 16
voltage levels in each range. Range selection is
controlled by the VRR bit of the VRCON register. The
16 levels are set with the VR<3:0> bits of the VRCON
register.
The CVREF output voltage is determined by the
following equations:
EQUATION 9-1:
CVREF OUTPUT VOLTAGE
The full range of VSS to VDD cannot be realized due to
the construction of the module. See Figure 9-6.
9.10.3
OUTPUT CLAMPED TO VSS
The CVREF output voltage can be set to Vss with no
power consumption by configuring VRCON as follows:
• FVREN = 0
This allows the comparator to detect a zero-crossing
while not consuming additional CVREF module current.
9.10.4
OUTPUT RATIOMETRIC TO VDD
The comparator voltage reference is VDD derived and
therefore, the CVREF output changes with fluctuations in
VDD. The tested absolute accuracy of the Comparator
Voltage Reference can be found in Section 16.0
“Electrical Specifications”.
9.10.5
FIXED VOLTAGE REFERENCE
The fixed voltage reference is independent of VDD, with
a nominal output voltage of 0.6V. This reference can be
enabled by setting the FVREN bit of the VRCON
register to ‘1’. This reference is always enabled when
the HFINTOSC oscillator is active.
9.10.6
FIXED VOLTAGE REFERENCE
STABILIZATION PERIOD
When the Fixed Voltage Reference module is enabled,
it will require some time for the reference and its
amplifier circuits to stabilize. The user program must
include a small delay routine to allow the module to
settle. See Section 16.0 “Electrical Specifications”
for the minimum delay requirement.
9.10.7
VOLTAGE REFERENCE
SELECTION
Multiplexers on the output of the Voltage Reference
module enable selection of either the CVREF or fixed
voltage reference for use by the comparators.
Setting the CMVREN bit of the VRCON register
enables current to flow in the CVREF voltage divider
and selects the CVREF voltage for use by the Compar-
ator. Clearing the CMVREN bit selects the fixed voltage
for use by the Comparator.
When the CMVREN bit is cleared, current flow in the
CVREF voltage divider is disabled minimizing the power
drain of the voltage reference peripheral.
VRR
1 (low range):
=
VRR
0 (high range):
=
CVREF
(VDD/4) +
=
CVREF
(VR<3:0>/24)
VDD
=
(VR<3:0>
VDD/32)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com