Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC12F609T-I/MS Datasheet(PDF) 44 Page - Microchip Technology

Part # PIC12F609T-I/MS
Description  8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F609T-I/MS Datasheet(HTML) 44 Page - Microchip Technology

Back Button PIC12F609T-I/MS Datasheet HTML 40Page - Microchip Technology PIC12F609T-I/MS Datasheet HTML 41Page - Microchip Technology PIC12F609T-I/MS Datasheet HTML 42Page - Microchip Technology PIC12F609T-I/MS Datasheet HTML 43Page - Microchip Technology PIC12F609T-I/MS Datasheet HTML 44Page - Microchip Technology PIC12F609T-I/MS Datasheet HTML 45Page - Microchip Technology PIC12F609T-I/MS Datasheet HTML 46Page - Microchip Technology PIC12F609T-I/MS Datasheet HTML 47Page - Microchip Technology PIC12F609T-I/MS Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 212 page
background image
PIC12F609/615/617/12HV609/615
DS41302D-page 44
 2010 Microchip Technology Inc.
5.2
Additional Pin Functions
Every GPIO pin on the PIC12F609/615/617/12HV609/
615 has an interrupt-on-change option and a weak pull-
up option. The next three sections describe these
functions.
5.2.1
ANSEL REGISTER
The ANSEL register is used to configure the Input
mode of an I/O pin to analog. Setting the appropriate
ANSEL bit high will cause all digital reads on the pin to
be read as ‘0’ and allow analog functions on the pin to
operate correctly.
The state of the ANSEL bits has no affect on digital
output functions. A pin with TRIS clear and ANSEL set
will still operate as a digital output, but the Input mode
will be analog. This can cause unexpected behavior
when executing read-modify-write instructions on the
affected port.
5.2.2
WEAK PULL-UPS
Each of the GPIO pins, except GP3, has an individually
configurable internal weak pull-up. Control bits WPUx
enable or disable each pull-up. Refer to Register 5-5.
Each weak pull-up is automatically turned off when the
port pin is configured as an output. The pull-ups are
disabled on a Power-on Reset by the GPPU bit of the
OPTION register). A weak pull-up is automatically
enabled for GP3 when configured as MCLR and
disabled when GP3 is an I/O. There is no software
control of the MCLR pull-up.
5.2.3
INTERRUPT-ON-CHANGE
Each GPIO pin is individually configurable as an
interrupt-on-change pin. Control bits IOCx enable or
disable the interrupt function for each pin. Refer to
Register 5-6. The interrupt-on-change is disabled on a
Power-on Reset.
For enabled interrupt-on-change pins, the values are
compared with the old value latched on the last read of
GPIO. The ‘mismatch’ outputs of the last read are OR’d
together to set the GPIO Change Interrupt Flag bit
(GPIF) in the INTCON register (Register 2-3).
This interrupt can wake the device from Sleep. The
user, in the Interrupt Service Routine, clears the
interrupt by:
a)
Any read of GPIO AND Clear flag bit GPIF. This
will end the mismatch condition;
OR
b)
Any write of GPIO AND Clear flag bit GPIF will
end the mismatch condition;
A mismatch condition will continue to set flag bit GPIF.
Reading GPIO will end the mismatch condition and
allow flag bit GPIF to be cleared. The latch holding the
last read value is not affected by a MCLR nor BOR
Reset. After these resets, the GPIF flag will continue to
be set if a mismatch is present.
REGISTER 5-2:
TRISIO: GPIO TRI-STATE REGISTER
U-0
U-0
R/W-1
R/W-1
R-1
R/W-1
R/W-1
R/W-1
—
—
TRISIO5
TRISIO4
TRISIO3
TRISIO2
TRISIO1
TRISIO0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented: Read as ‘0’
bit 5-0
TRISIO<5:0>: GPIO Tri-State Control bit
1
= GPIO pin configured as an input (tri-stated)
0
= GPIO pin configured as an output
Note
1:
TRISIO<3> always reads ‘1’.
2:
TRISIO<5:4> always reads ‘1’ in XT, HS and LP Oscillator modes.
Note:
If a change on the I/O pin should occur
when
any
GPIO
operation
is
being
executed, then the GPIF interrupt flag may
not get set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com