Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC12F609T-I/MS Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC12F609T-I/MS
Description  8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F609T-I/MS Datasheet(HTML) 3 Page - Microchip Technology

  PIC12F609T-I/MS Datasheet HTML 1Page - Microchip Technology PIC12F609T-I/MS Datasheet HTML 2Page - Microchip Technology PIC12F609T-I/MS Datasheet HTML 3Page - Microchip Technology PIC12F609T-I/MS Datasheet HTML 4Page - Microchip Technology PIC12F609T-I/MS Datasheet HTML 5Page - Microchip Technology PIC12F609T-I/MS Datasheet HTML 6Page - Microchip Technology PIC12F609T-I/MS Datasheet HTML 7Page - Microchip Technology PIC12F609T-I/MS Datasheet HTML 8Page - Microchip Technology PIC12F609T-I/MS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 212 page
background image
 2010 Microchip Technology Inc.
DS41302D-page 3
PIC12F609/615/617/12HV609/615
High-Performance RISC CPU:
• Only 35 Instructions to Learn:
- All single-cycle instructions except branches
• Operating Speed:
- DC – 20 MHz oscillator/clock input
- DC – 200 ns instruction cycle
• Interrupt Capability
• 8-Level Deep Hardware Stack
• Direct, Indirect and Relative Addressing modes
Special Microcontroller Features:
• Precision Internal Oscillator:
- Factory calibrated to ±1%, typical
- Software selectable frequency: 4 MHz or
8 MHz
• Power-Saving Sleep mode
• Voltage Range:
- PIC12F609/615/617: 2.0V to 5.5V
- PIC12HV609/615: 2.0V to user defined
maximum (see note)
• Industrial and Extended Temperature Range
• Power-on Reset (POR)
• Power-up Timer (PWRT) and Oscillator Start-up
Timer (OST)
• Brown-out Reset (BOR)
• Watchdog Timer (WDT) with independent
Oscillator for Reliable Operation
• Multiplexed Master Clear with Pull-up/Input Pin
• Programmable Code Protection
• High Endurance Flash:
- 100,000 write Flash endurance
- Flash retention: > 40 years
• Self Read/ Write Program Memory (PIC12F617
only)
Low-Power Features:
• Standby Current:
- 50 nA @ 2.0V, typical
• Operating Current:
-11
A @ 32 kHz, 2.0V, typical
-260
A @ 4 MHz, 2.0V, typical
• Watchdog Timer Current:
-1
A @ 2.0V, typical
Note:
Voltage across the shunt regulator should
not exceed 5V.
Peripheral Features:
• Shunt Voltage Regulator (PIC12HV609/615 only):
- 5 volt regulation
- 4 mA to 50 mA shunt range
• 5 I/O Pins and 1 Input Only
• High Current Source/Sink for Direct LED Drive
- Interrupt-on-pin change or pins
- Individually programmable weak pull-ups
• Analog Comparator module with:
- One analog comparator
- Programmable on-chip voltage reference
(CVREF) module (% of VDD)
- Comparator inputs and output externally
accessible
- Built-In Hysteresis (software selectable)
• Timer0: 8-Bit Timer/Counter with 8-Bit
Programmable Prescaler
• Enhanced Timer1:
- 16-bit timer/counter with prescaler
- External Timer1 Gate (count enable)
- Option to use OSC1 and OSC2 in LP mode
as Timer1 oscillator if INTOSC mode
selected
- Option to use system clock as Timer1
• In-Circuit Serial ProgrammingTM (ICSPTM) via Two
Pins
PIC12F615/617/HV615 ONLY:
• Enhanced Capture, Compare, PWM module:
- 16-bit Capture, max. resolution 12.5 ns
- Compare, max. resolution 200 ns
- 10-bit PWM with 1 or 2 output channels, 1
output channel programmable “dead time,”
max. frequency 20 kHz, auto-shutdown
• A/D Converter:
- 10-bit resolution and 4 channels, samples
internal voltage references
• Timer2: 8-Bit Timer/Counter with 8-Bit Period
Register, Prescaler and Postscaler
8-Pin Flash-Based, 8-Bit CMOS Microcontrollers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com