Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTS2002 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STTS2002
Description  2.3 V memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2002 Datasheet(HTML) 6 Page - STMicroelectronics

  STTS2002 Datasheet HTML 1Page - STMicroelectronics STTS2002 Datasheet HTML 2Page - STMicroelectronics STTS2002 Datasheet HTML 3Page - STMicroelectronics STTS2002 Datasheet HTML 4Page - STMicroelectronics STTS2002 Datasheet HTML 5Page - STMicroelectronics STTS2002 Datasheet HTML 6Page - STMicroelectronics STTS2002 Datasheet HTML 7Page - STMicroelectronics STTS2002 Datasheet HTML 8Page - STMicroelectronics STTS2002 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Part numbering
STTS2002
6/9
Doc ID 17216 Rev 1
3
Part numbering
Table 3.
Ordering information scheme
For other options, or for more information on any aspect of this device, please contact the
ST sales office nearest you.
Example:
STTS2002
B
2
DN
3
F
Device type
STTS2002
Accuracy grade
B: Maximum accuracy 75 °C to 95 °C =
± 1 °C
Voltage (minimum)
2 = 2.3 V - 3.6 V part
Package
DN = TDFN8 (0.80 mm max height)
Temperature
3 = –40 °C to 125 °C
Shipping method
F = ECOPACK® package, tape & reel packing
E = ECOPACK® package, tube packing



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com