Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTS2002 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTS2002
Description  2.3 V memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2002 Datasheet(HTML) 5 Page - STMicroelectronics

  STTS2002 Datasheet HTML 1Page - STMicroelectronics STTS2002 Datasheet HTML 2Page - STMicroelectronics STTS2002 Datasheet HTML 3Page - STMicroelectronics STTS2002 Datasheet HTML 4Page - STMicroelectronics STTS2002 Datasheet HTML 5Page - STMicroelectronics STTS2002 Datasheet HTML 6Page - STMicroelectronics STTS2002 Datasheet HTML 7Page - STMicroelectronics STTS2002 Datasheet HTML 8Page - STMicroelectronics STTS2002 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
STTS2002
Temperature sensor registers
Doc ID 17216 Rev 1
5/9
2
Temperature sensor registers
The temperature sensor component is comprised of various user-programmable registers.
These registers are required to write their corresponding addresses to the pointer register.
They can be accessed by writing to their respective addresses (see Table 2). Pointer
register bits 7 - 4 must always be written to '0'. This must be maintained, as not setting these
bits to '0' may keep the device from performing to specifications.
The main registers include the :
●
Capability register (read-only)
●
Configuration register (read/write)
●
Temperature register (read-only)
●
Temperature trip point registers (read/write), including
–
Alarm temperature upper boundary
–
Alarm temperature lower boundary and
–
Critical temperature
●
Manufacturer’s ID register (read-only)
●
Device ID and device revision ID register (read-only)
●
Temperature resolution register (TRES) (read/write)
Table 2.
Temperature sensor registers summary
Address (hex)
Register name
Power-on default
Not applicable
Address pointer
Undefined
00
Capability
B-grade
0x006F
01
Configuration
0x0000
02
Alarm temperature upper boundary trip
0x0000
03
Alarm temperature lower boundary trip
0x0000
04
Critical temperature trip
0x0000
05
Temperature
Undefined
06
Manufacturer’s ID
0x104A
07
Device ID/revision
0x0300
08
Temperature resolution register
0x0001



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com