Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTS2002 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTS2002
Description  2.3 V memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2002 Datasheet(HTML) 4 Page - STMicroelectronics

  STTS2002 Datasheet HTML 1Page - STMicroelectronics STTS2002 Datasheet HTML 2Page - STMicroelectronics STTS2002 Datasheet HTML 3Page - STMicroelectronics STTS2002 Datasheet HTML 4Page - STMicroelectronics STTS2002 Datasheet HTML 5Page - STMicroelectronics STTS2002 Datasheet HTML 6Page - STMicroelectronics STTS2002 Datasheet HTML 7Page - STMicroelectronics STTS2002 Datasheet HTML 8Page - STMicroelectronics STTS2002 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Description
STTS2002
4/9
Doc ID 17216 Rev 1
Figure 3.
Block diagram
Temperature
Sensor
ADC
Address Pointer
Register
1
2
3
4
5
6
Capability
Register
Configuration
Register
Temperature
Register
Upper
Register
Lower
Register
Critical
Register
Manufacturer
ID
Device ID/
Revision
Logic Control
Comparator
Timing
SMBus/I
2
C
Interface
Software
write-protected array
(00h - 7Fh)
7
8
VDD
SCL
SDA
A0
A1
A2
VSS
EVENT
AI12278a
Standard array
(80h - FFh)
2 Kb SPD EEPROM



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com