Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTS2002 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTS2002
Description  2.3 V memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2002 Datasheet(HTML) 3 Page - STMicroelectronics

  STTS2002 Datasheet HTML 1Page - STMicroelectronics STTS2002 Datasheet HTML 2Page - STMicroelectronics STTS2002 Datasheet HTML 3Page - STMicroelectronics STTS2002 Datasheet HTML 4Page - STMicroelectronics STTS2002 Datasheet HTML 5Page - STMicroelectronics STTS2002 Datasheet HTML 6Page - STMicroelectronics STTS2002 Datasheet HTML 7Page - STMicroelectronics STTS2002 Datasheet HTML 8Page - STMicroelectronics STTS2002 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
STTS2002
Description
Doc ID 17216 Rev 1
3/9
Figure 1.
Logic diagram
1.
SDA and EVENT are open drain.
Figure 2.
TDFN8 connections (top view)
1.
SDA and EVENT are open drain.
Table 1.
Signal names
Pin
Symbol
Description
Direction
1
A0
Serial bus address selection pin. Can be tied to VSS or VDD.
Input
2
A1
Serial bus address selection pin. Can be tied to VSS or VDD.
Input
3
A2
Serial bus address selection pin. Can be tied to VSS or VDD.
Input
4VSS
Supply ground
5SDA(1)
1.
SDA and EVENT are open drain.
Serial data
Input/output
6
SCL
Serial clock
Input
7
EVENT(1)
Event output pin. Open drain and active-low.
Output
8VDD
Supply power (2.3 V to 3.6 V)
AI12261
SDA(1)
VDD
STTS2002
VSS
SCL
EVENT(1)
A 2
A 1
A 0
1
SDA(1)
GND
SCL
EVENT(1)
A1
A0
VDD
A2
AI12262
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com