Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5200B Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # MPC5200B
Description  SDRAM/DDR Memory Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200B Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button MPC5200B_10 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5200B_10 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 72 page
background image
MPC5200B Data Sheet, Rev. 4
24
Freescale Semiconductor
NOTES:
1. ACK can shorten the CS pulse width.
Wait States (WS) can be programmed in the Chip Select X Register, Bit field WaitP and WaitX. It can be specified from
0–65535.
2. In Large Flash and MOST Graphics mode the shared PCI/ATA pins, used as address lines, are released at the same moment
as the CS. This can cause the address to change before CS is deasserted.
3. ACK is input and can be used to shorten the CS pulse width.
4. Only available in Large Flash and MOST Graphics mode.
5. Only available in MOST Graphics mode.
6. Deadcycles are only used, if no arbitration to an other module (ATA or PCI) of the shared local bus happens. If arbitration
happens the bus can be driven within 4 IPB clocks by an other modules.
t10
DATA input setup before CS negation
8.5
—ns
—
A7.12
t11
DATA input hold after CS negation
0
(DC + 1) × tPCIck
ns
(6)
A7.13
t12
ACK assertion after CS assertion
tPCIck
—ns
(3)
A7.14
t13
ACK negation after CS negation
—tPCIck
ns
(3)
A7.15
t14
TS assertion before CS assertion
—6.9
ns
(4)
A7.16
t15
TS pulse width
tPCIck
tPCIck
ns
(4)
A7.17
t16
TSIZ valid before CS assertion
tIPBIck
—ns
(5)
A7.18
t17
TSIZ hold after CS negation
tIPBIck
—ns
(5)
A7.19
t18
ACK change before PCI clock
—2.0
ns
(1)
A7.20
t19
ACK change after PCI clock
—4.4
ns
(1)
A7.21
Table 24. Non-MUXed Mode Timing (continued)
Sym
Description
Min
Max
Units
Notes
SpecID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com