Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8323EEC Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # MPC8323EEC
Description  PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8323EEC Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button MPC8323EEC Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 82 page
background image
MPC8323E PowerQUICC™ II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
48
Freescale Semiconductor
USB
20 USB
This section provides the AC and DC electrical specifications for the USB interface of the MPC8323E.
20.1
USB DC Electrical Characteristics
Table 53 provides the DC electrical characteristics for the USB interface.
20.2
USB AC Electrical Specifications
Table 54 describes the general timing parameters of the USB interface of the MPC8323E.
Figure 41 provide the AC test load for the USB.
Figure 41. USB AC Test Load
Table 53. USB DC Electrical Characteristics1
Parameter
Symbol
Min
Max
Unit
High-level input voltage
VIH
2OVDD + 0.3
V
Low-level input voltage
VIL
–0.3
0.8
V
High-level output voltage, IOH = –100 μAVOH
OVDD – 0.2
—
V
Low-level output voltage, IOL = 100 μAVOL
—0.2
V
Input current
IIN
—±5
μA
Note:
1. Note that the symbol VIN, in this case, represents the OVIN symbol referenced in Table 1 and Table 2.
Table 54. USB General Timing Parameters
Parameter
Symbol1
Min
Max
Unit
Notes
USB clock cycle time
tUSCK
20.83
—
ns
Full speed 48 MHz
USB clock cycle time
tUSCK
166.67
—
ns
Low speed 6 MHz
Skew between TXP and TXN
tUSTSPN
—5
ns
—
Skew among RXP, RXN, and RXD
tUSRSPND
—
10
ns
Full speed transitions
Skew among RXP, RXN, and RXD
tUSRPND
—
100
ns
Low speed transitions
Notes:
1. The symbols used for timing specifications follow the pattern of t(first two letters of functional block)(state)(signal) for receive signals
and t(first two letters of functional block)(state)(signal) for transmit signals. For example, tUSRSPND symbolizes USB timing (US) for the
USB receive signals skew (RS) among RXP, RXN, and RXD (PND). Also, tUSTSPN symbolizes USB timing (US) for the USB
transmit signals skew (TS) between TXP and TXN (PN).
2. Skew measurements are done at OVDD/2 of the rising or falling edge of the signals.
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com