Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8323EEC Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MPC8323EEC
Description  PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8323EEC Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MPC8323EEC Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 82 page
background image
MPC8323E PowerQUICC™ II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
8
Freescale Semiconductor
Electrical Characteristics
2.1.3
Output Driver Characteristics
Table 3 provides information on the characteristics of the output driver strengths. The values are
preliminary estimates.
2.1.4
Input Capacitance Specification
Table 4 describes the input capacitance for the CLKIN pin in the MPC8323E.
2.2
Power Sequencing
The device does not require the core supply voltage (VDD) and IO supply voltages (GVDD and OVDD) to
be applied in any particular order. Note that during power ramp-up, before the power supplies are stable
and if the I/O voltages are supplied before the core voltage, there might be a period of time that all input
and output pins are actively driven and cause contention and excessive current. In order to avoid actively
driving the I/O pins and to eliminate excessive current draw, apply the core voltage (VDD) before the I/O
voltage (GVDD and OVDD) and assert PORESET before the power supplies fully ramp up. In the case
where the core voltage is applied first, the core voltage supply must rise to 90% of its nominal value before
the I/O supplies reach 0.7 V; see Figure 3. Once both the power supplies (I/O voltage and core voltage) are
stable, wait for a minimum of 32 clock cycles before negating PORESET.
Note that there is no specific power down sequence requirement for the device. I/O voltage supplies
(GVDD and OVDD) do not have any ordering requirements with respect to one another.
Table 3. Output Drive Capability
Driver Type
Output Impedance
(
Ω)
Supply
Voltage
Local bus interface utilities signals
42
OVDD = 3.3 V
PCI signals
25
DDR1 signal
18
GVDD = 2.5 V
DDR2 signal
18
GVDD = 1.8 V
DUART, system control, I2C, SPI, JTAG
42
OVDD = 3.3 V
GPIO signals
42
OVDD = 3.3 V
Table 4. Input Capacitance Specification
Parameter/Condition
Symbol
Min
Max
Unit
Notes
Input capacitance for all pins except CLKIN
CI
68
pF
—
Input capacitance for CLKIN
CICLKIN
10
—
pF
1
Note:
1. The external clock generator should be able to drive 10 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com