Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8323EEC Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # MPC8323EEC
Description  PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8323EEC Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button MPC8323EEC Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 82 page
background image
MPC8323E PowerQUICC™ II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
Freescale Semiconductor
69
Clocking
22.5
Core PLL Configuration
RCWL[COREPLL] selects the ratio between the internal coherent system bus clock (csb_clk) and the e300
core clock (core_clk). Table 60 shows the encodings for RCWL[COREPLL]. COREPLL values not listed
in Table 60 should be considered reserved.
NOTE
Core VCO frequency = core frequency × VCO divider
VCO divider (RCWL[COREPLL[0:1]]) must be set properly so that the
core VCO frequency is in the range of 500–800 MHz.
Table 60. e300 Core PLL Configuration
RCWL[COREPLL]
core_clk : csb_clk Ratio
VCO Divider
0-1
2-5
6
nn
0000
n
PLL bypassed
(PLL off,
csb_clk clocks
core directly)
PLL bypassed
(PLL off,
csb_clk clocks
core directly)
00
0001
01:1
÷2
01
0001
01:1
÷4
10
0001
01:1
÷8
11
0001
01:1
÷8
00
0001
11.5:1
÷2
01
0001
11.5:1
÷4
10
0001
11.5:1
÷8
11
0001
11.5:1
÷8
00
0010
02:1
÷2
01
0010
02:1
÷4
10
0010
02:1
÷8
11
0010
02:1
÷8
00
0010
12.5:1
÷2
01
0010
12.5:1
÷4
10
0010
12.5:1
÷8
11
0010
12.5:1
÷8
00
0011
03:1
÷2
01
0011
03:1
÷4
10
0011
03:1
÷8
11
0011
03:1
÷8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com