Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R01M Datasheet(PDF) 59 Page - Holtek Semiconductor Inc

Part # HT46R01M
Description  1.5V Battery 8-Bit OTP MCU
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R01M Datasheet(HTML) 59 Page - Holtek Semiconductor Inc

Back Button HT46R01M Datasheet HTML 55Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 56Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 57Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 58Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 59Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 60Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 61Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 62Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 63Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 69 page
background image
INC [m]
Increment Data Memory
Description
Data in the specified Data Memory is incremented by 1.
Operation
[m]
¬ [m]+1
Affected flag(s)
Z
INCA [m]
Increment Data Memory with result in ACC
Description
Data in the specified Data Memory is incremented by 1. The result is stored in the Accumu-
lator. The contents of the Data Memory remain unchanged.
Operation
ACC
¬ [m]+1
Affected flag(s)
Z
JMP addr
Jump unconditionally
Description
The contents of the Program Counter are replaced with the specified address. Program
execution then continues from this new address. As this requires the insertion of a dummy
instruction while the new address is loaded, it is a two cycle instruction.
Operation
Program Counter
¬ addr
Affected flag(s)
None
MOV A,[m]
Move Data Memory to ACC
Description
The contents of the specified Data Memory are copied to the Accumulator.
Operation
ACC
¬ [m]
Affected flag(s)
None
MOV A,x
Move immediate data to ACC
Description
The immediate data specified is loaded into the Accumulator.
Operation
ACC
¬ x
Affected flag(s)
None
MOV [m],A
Move ACC to Data Memory
Description
The contents of the Accumulator are copied to the specified Data Memory.
Operation
[m]
¬ ACC
Affected flag(s)
None
NOP
No operation
Description
No operation is performed. Execution continues with the next instruction.
Operation
No operation
Affected flag(s)
None
OR A,[m]
Logical OR Data Memory to ACC
Description
Data in the Accumulator and the specified Data Memory perform a bitwise logical OR oper-
ation. The result is stored in the Accumulator.
Operation
ACC
¬ ACC ²OR² [m]
Affected flag(s)
Z
HT46R01M/HT46R02M/HT48R01M/HT48R02M
Rev. 1.00
59
December 18, 2009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com