Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R01M Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT46R01M
Description  1.5V Battery 8-Bit OTP MCU
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R01M Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT46R01M Datasheet HTML 15Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 23Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 69 page
background image
HT46R01M/HT46R02M/HT48R01M/HT48R02M
Rev. 1.00
19
December 18, 2009
Internal RC Oscillator
- HIRC
The internal RC oscillator is a fully integrated system os-
cillator requiring no external components. The internal
RC oscillator has three fixed frequencies of either 4MHz
or 8MHz. Device trimming during the manufacturing
process and the inclusion of internal frequency compen-
sation circuits are used to ensure that the influence of
the power supply voltage, temperature and process
variations on the oscillation frequency are minimised.
As a result, at a power supply of 3V and at a temperature
of 25 degrees, the fixed oscillation frequency of 4MHz or
8MHz will have a tolerance within 2%. Note that if this in-
ternal system clock option is selected, as it requires no
external pins for its operation, I/O pins PA5 and PA6 are
free for use as normal I/O pins.
External 32768Hz Crystal Oscillator
- LXT
When the microcontroller enters the Sleep Mode, the
system clock is switched off to stop microcontroller ac-
tivity and to conserve power. However, in many
microcontroller applications it may be necessary to keep
the internal timers operational even when the
microcontroller is in the Power-down Mode. To do this,
another clock, independent of the system clock, must be
provided. To do this a configuration option exists to allow
a high speed oscillator to be used in conjunction with a a
low speed oscillator, known as the LXT oscillator. The
LXT oscillator is implemented using a 32768Hz crystal
connected to pins OSC1/OSC2. However, for some
crystals, to ensure oscillation and accurate frequency
generation, it is necessary to add two small value exter-
nal capacitors, C1 and C2. The exact values of C1 and
C2 should be selected in consultation with the crystal or
resonator manufacturer
¢s specification. The external
parallel feedback resistor, RP, is required. For the de-
vice the LXT oscillator must be used together with the
HIRC oscillator.
LXT Oscillator C1 and C2 Values
Crystal Frequency
C1
C2
32768Hz
8pF
10pF
Note:
1. C1 and C2 values are for guidance only.
2. RP=5M~10M
W is recommended.
32768Hz Crystal Recommended Capacitor Values
LXT Oscillator Low Power Function
The LXT oscillator can function in one of two modes, the
Quick Start Mode and the Low Power Mode. The mode
selection is executed using the LXTLP bit in the CTRL0
register.
LXTLP Bit
LXT Mode
0
Quick Start
1
Low-power
After power on the LXTLP bit will be automatically
cleared to zero ensuring that the LXT oscillator is in the
Quick Start operating mode. In the Quick Start Mode the
LXT oscillator will power up and stabilise quickly. How-
ever, after the LXT oscillator has fully powered up it can
be placed into the Low-power mode by setting the
LXTLP bit high. The oscillator will continue to run but
with reduced current consumption, as the higher current
consumption is only required during the LXT oscillator
start-up. In power sensitive applications, such as battery
applications, where power consumption must be kept to
a minimum, it is therefore recommended that the appli-
cation program sets the LXTLP bit high about 2 seconds
after power-on.
It should be noted that, no matter what condition the
LXTLP bit is set to, the LXT oscillator will always func-
tion normally, the only difference is that it will take more
time to start up if in the Low-power mode.
Internal Low Speed Oscillator
- LIRC
The LIRC is a fully self-contained free running on-chip
RC oscillator with a typical frequency of 10kHz at 3V re-
quiring no external components. When the device en-
ters the Sleep Mode, the system clock will stop running
but the WDT oscillator continues to free-run and to keep
the watchdog active. However, to preserve power in cer-
tain applications the LIRC can be disabled via a configu-
ration option.
P A 5 / P A 6 u s e d a s n o r m a l I / O s
N o t e :
I n t e r n a l R C
O s c i l l a t o r
P A 5 / O S C 2
P A 6 / O S C 1
Internal RC Oscillator
- HIRC
T o i n t e r n a l
c i r c u i t s
I n t e r n a l
O s c i l l a t o r
C i r c u i t
C 1
C 2
R p
N o t e : 1 . R p , C 1 a n d C 2 a r e r e q u i r e d .
2 . A l t h o u g h n o t s h o w n p i n s h a v e a
p a r a s i t i c c a p a c i t a n c e o f a r o u n d 7 p F .
I n t e r n a l R C
O s c i l l a t o r
3 2 7 6 8 H z
External LXT Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com