Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R01M Datasheet(PDF) 40 Page - Holtek Semiconductor Inc

Part # HT46R01M
Description  1.5V Battery 8-Bit OTP MCU
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R01M Datasheet(HTML) 40 Page - Holtek Semiconductor Inc

Back Button HT46R01M Datasheet HTML 36Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 37Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 38Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 39Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 40Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 41Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 42Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 43Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 44Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 69 page
background image
HT46R01M/HT46R02M/HT48R01M/HT48R02M
Rev. 1.00
40
December 18, 2009
PWM Output Control
The PWM outputs are pin-shared with the I/O pins PA4.
To operate as a PWM output and not as an I/O pin, the
correct bits must be set in the CTRL0 register. A zero
value must also be written to the corresponding bit in the
I/O port control register PAC.4 to ensure that the corre-
sponding PWM output pin is setup as an output. After
these two initial steps have been carried out, and of
course after the required PWM value has been written
into the PWMn register, writing a high value to the corre-
sponding bit in the output data register PA.4 will enable
the PWM data to appear on the pin. Writing a zero value
will disable the PWM output function and force the out-
put low. In this way, the Port data output registers can be
used as an on/off control for the PWM function. Note
that if the CTRL0 register have selected the PWM func-
tion, but a high value has been written to its correspond-
ing bit in the PAC control register to configure the pin as
an input, then the pin can still function as a normal input
line, with pull-high resistor options.
· PWM Programming Example
The following sample program shows how the PWM0 output is setup and controlled.
mov a,64h
; setup PWM value of decimal 100
mov pwm0,a
set ctrl0.5
; select the 7+1 PWM mode
set ctrl0.3
; select pin PA4 to have a PWM function
clr pac.4
; setup pin PA4 as an output
set pa.4
; enable the PWM output
::
clr pa.4
; disable the PWM output_ pin
; PA4 forced low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com