Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R01M Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT46R01M
Description  1.5V Battery 8-Bit OTP MCU
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R01M Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT46R01M Datasheet HTML 11Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 12Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 13Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 14Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 15Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 69 page
background image
HT46R01M/HT46R02M/HT48R01M/HT48R02M
Rev. 1.00
15
December 18, 2009
Program Counter Low Register
- PCL
To provide additional program control functions, the low
byte of the Program Counter is made accessible to pro-
grammers by locating it within the Special Purpose area
of the Data Memory. By manipulating this register, direct
jumps to other program locations are easily imple-
mented. Loading a value directly into this PCL register
will cause a jump to the specified Program Memory lo-
cation, however, as the register is only 8-bit wide, only
jumps within the current Program Memory page are per-
mitted. When such operations are used, note that a
dummy cycle will be inserted.
Status Register
- STATUS
This 8-bit register contains the zero flag (Z), carry flag
(C), auxiliary carry flag (AC), overflow flag (OV), power
down flag (PDF), and watchdog time-out flag (TO).
These arithmetic/logical operation and system manage-
ment flags are used to record the status and operation of
the microcontroller.
With the exception of the TO and PDF flags, bits in the
status register can be altered by instructions like most
other registers. Any data written into the status register
will not change the TO or PDF flag. In addition, opera-
tions related to the status register may give different re-
sults due to the different instruction operations. The TO
flag can be affected only by a system power-up, a WDT
time-out or by executing the
²CLR WDT² or ²HALT² in-
struction. The PDF flag is affected only by executing the
²HALT² or ²CLR WDT² instruction or during a system
power-up.
The Z, OV, AC and C flags generally reflect the status of
the latest operations.
In addition, on entering an interrupt sequence or execut-
ing a subroutine call, the status register will not be
pushed onto the stack automatically. If the contents of
the status registers are important and if the interrupt rou-
tine can change the status register, precautions must be
taken to correctly save it. Note that bits 0~3 of the
STATUS register are both readable and writeable bits.
· STATUS Register
Bit
76543210
Name
¾¾
TO
PDF
OV
Z
AC
C
R/W
¾¾
R
R
R/W
R/W
R/W
R/W
POR
¾¾
0
0
xxxx
²x² unknown
Bit 7, 6
Unimplemented, read as
²0²
Bit 5
TO: Watchdog Time-Out flag
0: After power up or executing the
²CLR WDT² or ²HALT² instruction
1: A watchdog time-out occurred.
Bit 4
PDF: Power down flag
0: After power up or executing the
²CLR WDT² instruction
1: By executing the
²HALT² instruction
Bit 3
OV: Overflow flag
0: no overflow
1: an operation results in a carry into the highest-order bit but not a carry out of the
highest-order bit or vice versa.
Bit 2
Z: Zero flag
0: The result of an arithmetic or logical operation is not zero
1: The result of an arithmetic or logical operation is zero
Bit 1
AC: Auxiliary flag
0: no auxiliary carry
1: an operation results in a carry out of the low nibbles in addition, or no borrow from the
high nibble into the low nibble in subtraction
Bit 0
C: Carry flag
0: no carry-out
1: an operation results in a carry during an addition operation or if a borrow does not take place
during a subtraction operation
C is also affected by a rotate through carry instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com