Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VG3617801CT Datasheet(PDF) 5 Page - Vanguard International Semiconductor

Part # VG3617801CT
Description  16Mb CMOS Synchronous Dynamic RAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VML [Vanguard International Semiconductor]
Direct Link  http://www.vis.com.tw
Logo VML - Vanguard International Semiconductor

VG3617801CT Datasheet(HTML) 5 Page - Vanguard International Semiconductor

  VG3617801CT Datasheet HTML 1Page - Vanguard International Semiconductor VG3617801CT Datasheet HTML 2Page - Vanguard International Semiconductor VG3617801CT Datasheet HTML 3Page - Vanguard International Semiconductor VG3617801CT Datasheet HTML 4Page - Vanguard International Semiconductor VG3617801CT Datasheet HTML 5Page - Vanguard International Semiconductor VG3617801CT Datasheet HTML 6Page - Vanguard International Semiconductor VG3617801CT Datasheet HTML 7Page - Vanguard International Semiconductor VG3617801CT Datasheet HTML 8Page - Vanguard International Semiconductor VG3617801CT Datasheet HTML 9Page - Vanguard International Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 68 page
background image
Document:1G5-0133
Rev.1
Page 5
VIS
VG3617801CT
16Mb CMOS Synchronous Dynamic RAM
DC Characteristics(Recommended Operating Conditions unless otherwise noted)
Notes 1.Icc depends on output loading and cycle rates. Specified values are obtained with the output open.
2.Icc is measured on condition that addresses are changed only one time during tCK(MIN.).
Parameter
Symbol
Test Conditions
VG3617801CT
-8H
-8L
-10
Unit
Notes
Min
Max
Min
Max
Min
Max
Operating current
ICC1
Burst length=1
(MIN.),Io=0mA
One bank active
CL=3
90
90
85
mA
1,2
CL=2
85
85
80
Precharge standby
current in power
down mode
ICC2P
IL(MAX.)tCK=15ns
3
3
3
mA
ICC2PS
IL(MAX)tCK=
2
2
2
Precharge standby
current in Nonpower
down mode
ICC2N
IH(MIN.)tCK=15ns
IH(MIN.)
Input signals are changed.
one time during 30ns.
30
30
30
mA
ICC2NS
IH(MIN.), tCK=
IL(MAX.)
Input signals are stable.
6
6
6
Active standby current
in power down mode
Icc3P
IL(MAX.),tCK=15ns
3
3
3
mA
Icc3PS
IL(MAX.),tCK=
2
2
2
Active standby current
in nonpower down
mode
Icc3N
IL(MAX.),tCK=15ns
IL(MIN.)
Input signals are changed
one time during 30ns
30
30
30
mA
Icc3NS
IH(MIN.) tCK=
IL(MAX.)
Input signals are stable.
15
15
15
Operating current
(Burst mode)
Icc4
(MIN.),Io=0mA
Burst length=4
CL=3
120
120
105
mA
1,2
CL=2
115
105
100
Refresh current
Icc5
(MIN.)
CL=3
110
110
100
mA
2
CL=2
105
105
95
Self refresh current
Icc6
2
2
2
mA
Input leakage current
ILI
,
+0.3V
Pins not under test=0V
-5
5
-5
5
-5
5
uA
Output leakage current ILO
,
+0.3V
DQ# in H-Z., Dout disabled
-5
5
-5
5
-5
5
uA
Output Low Voltage
VOL
IOL=2mA
0.4
0.4
0.4
V
Output High Voltage
VOH
IOH=2mA
2.4
2.4
2.4
V
t
R C
t
RC
≥
CKE
V
≤
CKE
V
≤
∞
CKE
V
≥
CS
V
≥
CKE
V
≥
∞
CLK
V
≤
CKE
V
≤
CKE
V
≤
∞
CKE
V
≥
CS
V
≥
CKE
V
≥
∞
CLE
V
≤
t
C K
t
C K
≥
t
R C
t
RC
≥
CKE
0.2V
≤
V
in
0
≥
V
in
V
DD
≤
V
OUT
0
≥
V
OUT
V
DD
≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com