Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VG3617801CT Datasheet(PDF) 18 Page - Vanguard International Semiconductor

Part # VG3617801CT
Description  16Mb CMOS Synchronous Dynamic RAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VML [Vanguard International Semiconductor]
Direct Link  http://www.vis.com.tw
Logo VML - Vanguard International Semiconductor

VG3617801CT Datasheet(HTML) 18 Page - Vanguard International Semiconductor

Back Button VG3617801CT Datasheet HTML 14Page - Vanguard International Semiconductor VG3617801CT Datasheet HTML 15Page - Vanguard International Semiconductor VG3617801CT Datasheet HTML 16Page - Vanguard International Semiconductor VG3617801CT Datasheet HTML 17Page - Vanguard International Semiconductor VG3617801CT Datasheet HTML 18Page - Vanguard International Semiconductor VG3617801CT Datasheet HTML 19Page - Vanguard International Semiconductor VG3617801CT Datasheet HTML 20Page - Vanguard International Semiconductor VG3617801CT Datasheet HTML 21Page - Vanguard International Semiconductor VG3617801CT Datasheet HTML 22Page - Vanguard International Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 68 page
background image
Document:1G5-0133
Rev.1
Page 18
VIS
VG3617801CT
16Mb CMOS Synchronous Dynamic RAM
8.AUTO PRECHARGE
During a READ or WRITE command cycle, A10 controls whether AUTO PRECHARGE is selected. If A10 is
high in the READ or WRITE command (READ with AUTO PRECHARGE command or WRITE with AUTO PRE-
CHARGE command), AUTO PRECHARGE is selected and precharging begins automatically after the burst
access.
In the WRITE cycle, tDAL(min.) must be satisfied to assert the next active command to the bank being pre-
charged.
When using AUTO PRECHARGE in the READ cycle, knowing when the PRECHARGE starts is important
because the tRAS must be satisfied. Once AUTO PRECHARGE has started, an active command to the bank can
be asserted after tRP(min.) has been satisfied.
The timing at which the AUTO PRECHARGE cycle begins depends both on the CAS Iatency programmed
into the mode register and on whether the cycle is READ or WRITE.
8.1 READ with AUTO PRECHARGE
During a READA cycle, the AUTO PRECHARGE begins one clock earlier(CAS Iatency of 2) or two
clocks earlier(CAS Iatency of 3) than the last data word output.
READ with AUTO PRECHARGE
Burst lengh=4
CLK
Command
CAS latency=2
DQ
Command
CAS latency=3
DQ
Remark READA means READ with AUTO PRECHARGE
Hi-Z
Auto precharge starts
QB0
QB3
QB2
QB1
READA B
READA B
T0
T1
T2
T3
T4
T5
T6
T7
Auto precharge starts
Hi-Z
T8
QB0
QB3
QB2
QB1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com