Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VG3617801CT Datasheet(PDF) 13 Page - Vanguard International Semiconductor

Part # VG3617801CT
Description  16Mb CMOS Synchronous Dynamic RAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VML [Vanguard International Semiconductor]
Direct Link  http://www.vis.com.tw
Logo VML - Vanguard International Semiconductor

VG3617801CT Datasheet(HTML) 13 Page - Vanguard International Semiconductor

Back Button VG3617801CT Datasheet HTML 9Page - Vanguard International Semiconductor VG3617801CT Datasheet HTML 10Page - Vanguard International Semiconductor VG3617801CT Datasheet HTML 11Page - Vanguard International Semiconductor VG3617801CT Datasheet HTML 12Page - Vanguard International Semiconductor VG3617801CT Datasheet HTML 13Page - Vanguard International Semiconductor VG3617801CT Datasheet HTML 14Page - Vanguard International Semiconductor VG3617801CT Datasheet HTML 15Page - Vanguard International Semiconductor VG3617801CT Datasheet HTML 16Page - Vanguard International Semiconductor VG3617801CT Datasheet HTML 17Page - Vanguard International Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
Document:1G5-0133
Rev.1
Page 13
VIS
VG3617801CT
16Mb CMOS Synchronous Dynamic RAM
3.Initiallization
The synchronous DRAM is initialized in the power on sequence. Once power has been applied, a
100us minimum delay is needed in which stable power and input signals are maintained. During this delay,
CKE and DQM recommend to be held high.
After the 100us delay, both banks must be precharged using the precharge command. Once precharge
is completed and the minimum tRP is satisfied, the mode register can be programmed.
Minimum two CBR refresh commands must be performed before or after the mode register set com-
mand.
4.Programming the Mode Register
The mode register is programmed by the mode register set command using address bits A11 through
A0 as data inputs. The register retains data until it is reprogrammed or until the device loses power.
The mode register has four fields;
Options
: A11 through A7
CAS latency
: A6 through A4
Wrap type
: A3
Burst length
: A2 through A0
Following mode register programming, no command can be asserted befor at least two clock cycles
have elapsed.
CAS Latency
CAS latency is the most critical parameter to be set. It tells the device how many clocks must elapse
before the data will be available. The SDRAM is capable of reconfiguring its internal architecture based
on the value of CAS latency.
The value is determined by the frequency of the clock and the speed grade of the device. The value
can be programmed as 2 or 3.
Burst Length
Burst Length is the number of words that will be output or input in read or write cycle. After a read burst
is completed, the output bus will become high impedance.
The burst length is programmable as 1,2,4,8 or full page.
Wrap Type (Burst Sequence)
The wrap type specifies the order in which the burst data will be addressed. The order is programmable
as either “Sequential” or “Interleave”. The method chosen will depend on the type of CPU in the system.
Some microprocessor cache systems are optimized for sequential addressing and others for inter-
leaved addressing. Both sequences support bursts of 1,2,4 and 8. Only the sequential burst. supports the
full-page length.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com