Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VG3617801CT Datasheet(PDF) 17 Page - Vanguard International Semiconductor

Part # VG3617801CT
Description  16Mb CMOS Synchronous Dynamic RAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VML [Vanguard International Semiconductor]
Direct Link  http://www.vis.com.tw
Logo VML - Vanguard International Semiconductor

VG3617801CT Datasheet(HTML) 17 Page - Vanguard International Semiconductor

Back Button VG3617801CT Datasheet HTML 13Page - Vanguard International Semiconductor VG3617801CT Datasheet HTML 14Page - Vanguard International Semiconductor VG3617801CT Datasheet HTML 15Page - Vanguard International Semiconductor VG3617801CT Datasheet HTML 16Page - Vanguard International Semiconductor VG3617801CT Datasheet HTML 17Page - Vanguard International Semiconductor VG3617801CT Datasheet HTML 18Page - Vanguard International Semiconductor VG3617801CT Datasheet HTML 19Page - Vanguard International Semiconductor VG3617801CT Datasheet HTML 20Page - Vanguard International Semiconductor VG3617801CT Datasheet HTML 21Page - Vanguard International Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 68 page
background image
Document:1G5-0133
Rev.1
Page 17
VIS
VG3617801CT
16Mb CMOS Synchronous Dynamic RAM
7.PRECHARGE
The PRECHARGE command can be asserted anytime after tRAS(min) is satisfied.
Soon after the PRECHARGE command is asserted, PRECHARGE operation is performed. The synchronous DRAM
enters the idle state after tRP(min) is satisfied. The parameter tRP is the time required to perform the PRECHARGE.
The earliest timing in a READ cycle that a PRECHARGE command can be asserted without losing any data in the
burst is as followed.
PRECHARGE
In order to write all data to the memory cell correctly, the asynchronous parameter”tDPL” must be satisfied.
The tDPL(MIN.) specification defines the earliest time that a PRECHARGE command can be asserted after a WRITE
cycle. The minimum number of clocks are calculated by dividing tDPL(min.) by the clock cycle time.
In summary, the PRECHARGE command can be asserted relative to the reference clock of the last valid
data. In the following table, minus means clocks before the reference, plus means time after the reference.
CAS latency
READ
WRITE
2
-1
+tDPL(min.)
3
-2
+tDPL(min)
Burst lengh=4
CLK
Command
CAS latency=2
DQ
Command
CAS latency=3
DQ
CAS latency= 2: One clock earlier than the last output data.
3: Two clocks earlier than the last output data.
(tRAS is satisfied)
Hi-Z
Q0
Q3
Q2
Q1
PRE
Q0
Q3
Q2
Q1
Read
Read
T0
T1
T2
T3
T4
T5
T6
T7
PRE
Hi-Z_



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com