Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA333-HT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # INA333-HT
Description  Micro-Power, Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA333-HT Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA333-HT Datasheet HTML 7Page - Texas Instruments INA333-HT Datasheet HTML 8Page - Texas Instruments INA333-HT Datasheet HTML 9Page - Texas Instruments INA333-HT Datasheet HTML 10Page - Texas Instruments INA333-HT Datasheet HTML 11Page - Texas Instruments INA333-HT Datasheet HTML 12Page - Texas Instruments INA333-HT Datasheet HTML 13Page - Texas Instruments INA333-HT Datasheet HTML 14Page - Texas Instruments INA333-HT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
80
60
40
20
0
20
40
60
-
-
-
10
100
1k
10k
Frequency(Hz)
1M
G=1
G=1000
G=100
G=10
100k
CMRR( V/V)
m
V =5.5V
S
-10
-8
-6
-4
-2
0
2
4
6
8
10
-65 -40 -15
10
35
60
85
110 135 160 185 210
Temperature (°C)
Vs = ±2.75V
Vs = ±0.9V
G = 100
G = 1000
160
140
120
100
80
60
40
20
0
10
100
1k
10k
Frequency(Hz)
100k
G=1
G=1000
G=100
G=10
2.5
-2.5 -2.0
-1.0
0
1.0
2.0
OutputVoltage(V)
2.5
2.0
1.0
0
-1.0
-2.0
2.5
V = 2.5V
V
=0
±
S
REF
AllGains
5
4
3
2
1
0
0
1
2
3
4
OutputVoltage(V)
5
V =+5V
S
V
=0
REF
AllGains
www.ti.com
SBOS514 – MARCH 2010
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = 5V, RL = 10kΩ, VREF = midsupply, and G = 1, unless otherwise noted.
GAIN vs FREQUENCY
COMMON-MODE REJECTION RATIO
Figure 18.
Figure 19.
COMMON-MODE REJECTION RATIO vs TEMPERATURE
COMMON-MODE REJECTION RATIO vs FREQUENCY
Figure 20.
Figure 21.
TYPICAL COMMON-MODE RANGE vs OUTPUT VOLTAGE
TYPICAL COMMON-MODE RANGE vs OUTPUT VOLTAGE
Figure 22.
Figure 23.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): INA333-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com