Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA333-HT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # INA333-HT
Description  Micro-Power, Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA333-HT Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA333-HT Datasheet HTML 10Page - Texas Instruments INA333-HT Datasheet HTML 11Page - Texas Instruments INA333-HT Datasheet HTML 12Page - Texas Instruments INA333-HT Datasheet HTML 13Page - Texas Instruments INA333-HT Datasheet HTML 14Page - Texas Instruments INA333-HT Datasheet HTML 15Page - Texas Instruments INA333-HT Datasheet HTML 16Page - Texas Instruments INA333-HT Datasheet HTML 17Page - Texas Instruments INA333-HT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
SBOS514 – MARCH 2010
www.ti.com
APPLICATION INFORMATION
Application
information
below
is
provided
for
SETTING THE GAIN
commercial temperature as a reference and not for
high temperature.
Gain of the INA333 is set by a single external
resistor, RG, connected between pins 1 and 8. The
It is not recommonded to use gain < 100 for the high
value of RG is selected according to Equation 1:
temperature (210°C) application. A filter is needed
between Pin 1 and Pin 9 for gain = 100 and
G = 1 + (100 k
Ω/RG)
(1)
(1)
gain = 1000 in 210°C application. Recommended
Table 2 lists several commonly-used gains and
resistor value is 3.5 k
Ω and capacitor value is 10 nF.
resistor values. The 100 k
Ω term in Equation 1
Figure 34 shows the basic connections required for
comes from the sum of the two internal feedback
operation of the INA333. Good layout practice
resistors of A1 and A2. These on-chip resistors are
mandates the use of bypass capacitors placed close
laser trimmed to accurate absolute values. The
to the device pins as shown.
accuracy
and
temperature
coefficient
of
these
resistors are included in the gain accuracy and drift
The output of the INA333 is referred to the output
specifications of the INA333.
reference
(REF)
terminal,
which
is
normally
grounded. This connection must be low-impedance to
The stability and temperature drift of the external gain
assure good common-mode rejection. Although 15
Ω
setting resistor, RG, also affects gain. The contribution
or less of stray resistance can be tolerated while
of RG to gain accuracy and drift can be directly
maintaining specified CMRR, small stray resistances
inferred from the gain Equation 1. Low resistor values
of tens of ohms in series with the REF pin can cause
required for high gain can make wiring resistance
noticeable degradation in CMRR.
important. Sockets add to the wiring resistance and
contribute additional gain error (possibly an unstable
gain error) in gains of approximately 100 or greater.
To ensure stability, avoid parasitic capacitance of
more than a few picofarads at the RG connections.
Careful matching of any parasitics on both RG pins
maintains optimal CMRR over frequency.
14
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): INA333-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com