Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA333-HT Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # INA333-HT
Description  Micro-Power, Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA333-HT Datasheet(HTML) 15 Page - Texas Instruments

Back Button INA333-HT Datasheet HTML 11Page - Texas Instruments INA333-HT Datasheet HTML 12Page - Texas Instruments INA333-HT Datasheet HTML 13Page - Texas Instruments INA333-HT Datasheet HTML 14Page - Texas Instruments INA333-HT Datasheet HTML 15Page - Texas Instruments INA333-HT Datasheet HTML 16Page - Texas Instruments INA333-HT Datasheet HTML 17Page - Texas Instruments INA333-HT Datasheet HTML 18Page - Texas Instruments INA333-HT Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
A
1
A
2
A
3
6
150kW
150kW
150kW
150kW
7
4
3
8
1
2
V
IN-
V
IN+
R
G
V+
V-
INA333
G=1+
100kW
R
G
5
RFIFilter
50kW
50kW
RFIFilter
Load
V =G
(V
´
V
-
)
O
IN+
IN-
0.1 F
m
0.1 F
m
+
-
V
O
R
G
Alsodrawninsimplifiedform:
INA333
Ref
V
O
V
IN-
V
IN+
Ref
RFIFilter
RFIFilter
www.ti.com
SBOS514 – MARCH 2010
Figure 34. Basic Connections
Table 2. Commonly-Used Gains and Resistor Values
DESIRED GAIN
RG (Ω)
NEAREST 1% RG (Ω)
1
NC(1)
NC
2
100k
100k
5
25k
24.9k
10
11.1k
11k
20
5.26k
5.23k
50
2.04k
2.05
100
1.01k
1k
200
502.5
499
500
200.4
200
1000
100.1
100
(1)
NC denotes no connection. When using the SPICE model, the simulation will not converge unless a resistor is connected to the RG pins;
use a very large resistor value.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): INA333-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com