Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA333-HT Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # INA333-HT
Description  Micro-Power, Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA333-HT Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA333-HT Datasheet HTML 13Page - Texas Instruments INA333-HT Datasheet HTML 14Page - Texas Instruments INA333-HT Datasheet HTML 15Page - Texas Instruments INA333-HT Datasheet HTML 16Page - Texas Instruments INA333-HT Datasheet HTML 17Page - Texas Instruments INA333-HT Datasheet HTML 18Page - Texas Instruments INA333-HT Datasheet HTML 19Page - Texas Instruments INA333-HT Datasheet HTML 20Page - Texas Instruments INA333-HT Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
300W
+3V
150W
R
(1)
1
2V
V
- D
2V+ V
D
3V
R
G
INA333
V
O
Ref
1.5V
www.ti.com
SBOS514 – MARCH 2010
overload condition drives both input amplifiers to the
respective positive output swing limit, the difference
voltage measured by the output amplifier is near
zero. The output of the INA333 is near 0 V even
though both inputs are overloaded.
OPERATING VOLTAGE
The INA333 operates over a power-supply range of
+1.8 V to +5.5 V (±0.9 V to ±2.75 V). Supply voltages
higher
than
+7
V
(absolute
maximum)
can
permanently damage the device. Parameters that
vary over supply voltage or temperature are shown in
(1) R1 creates proper common-mode voltage, only for low-voltage
the Typical Characteristics section of this data sheet.
operation—see the Single-Supply Operation section.
Figure 37. Single-Supply Bridge Amplifier
LOW VOLTAGE OPERATION
The INA333 can be operated on power supplies as
INPUT PROTECTION
low as ±0.9 V. Most parameters vary only slightly
throughout this supply voltage range—see the Typical
The input terminals of the INA333 are protected with
Characteristics section. Operation at very low supply
internal diodes connected to the power-supply rails.
voltage requires careful attention to assure that the
These diodes clamp the applied signal to prevent it
input voltages remain within the linear range. Voltage
from damaging the input circuitry. If the input signal
swing requirements of internal nodes limit the input
voltage can exceed the power supplies by more than
common-mode range with low power-supply voltage.
0.3 V, the input signal current should be limited to
The
Typical
Characteristic
curves
Typical
less than 10 mA to protect the internal clamp diodes.
Common-Mode Range vs Output Voltage (Figure 22
This current limiting can generally be done with a
to Figure 25) show the range of linear operation for
series input resistor. Some signal sources are
various supply voltages and gains.
inherently current-limited and do not require limiting
resistors.
SINGLE-SUPPLY OPERATION
GENERAL LAYOUT GUIDELINES
The INA333 can be used on single power supplies of
+1.8 V to +5.5 V. Figure 37 illustrates a basic
Attention
to
good
layout
practices
is
always
single-supply circuit. The output REF terminal is
recommended.
Keep
traces
short
and,
when
connected to mid-supply. Zero differential input
possible, use a printed circuit board (PCB) ground
voltage demands an output voltage of mid-supply.
plane with surface-mount components placed as
Actual
output
voltage
swing
is
limited
to
close to the device pins as possible. Place a 0.1-mF
approximately 50 mV above ground, when the load is
bypass capacitor closely across the supply pins.
referred
to
ground
as
shown.
The
typical
These guidelines should be applied throughout the
characteristic curve Output Voltage Swing vs Output
analog circuit to improve performance and provide
Current (Figure 31) shows how the output voltage
benefits
such
as
reducing
the
swing varies with output current.
electromagnetic-interference (EMI) susceptibility.
With single-supply operation, VIN+ and VIN– must both
Instrumentation amplifiers vary in the susceptibility to
be 0.1V above ground for linear operation. For
radio-frequency interference (RFI). RFI can generally
instance, the inverting input cannot be connected to
be identified as a variation in offset voltage or dc
ground to measure a voltage connected to the
signal levels with changes in the interfering RF signal.
noninverting input.
The INA333 has been specifically designed to
minimize
susceptibility
to
RFI
by
incorporating
To
illustrate
the
issues
affecting
low
voltage
passive RC filters with an 8-MHz corner frequency at
operation, consider the circuit in Figure 37. It shows
the VIN+ and VIN– inputs. As a result, the INA333
the INA333 operating from a single 3-V supply. A
demonstrates remarkably low sensitivity compared to
resistor in series with the low side of the bridge
previous generation devices. Strong RF fields may
assures that the bridge output voltage is within the
continue to cause varying offset levels, however, and
common-mode range of the amplifier inputs.
may require additional shielding.
APPLICATION IDEAS
Additional application ideas are shown in Figure 38 to
Figure 41.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): INA333-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com