Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8170 Datasheet(PDF) 36 Page - Wolfson Microelectronics plc

Part # WM8170
Description  3.3V Integrated Signal Processor for Area Array CCDs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8170 Datasheet(HTML) 36 Page - Wolfson Microelectronics plc

Back Button WM8170 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 40Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 41 page
background image
WM8170
Product Preview Rev 1.0
WOLFSON MICROELECTRONICS LTD
PP Rev 1.0 March 2000
36
CONTROL BITS
DESCRIPTION
ANALOGUE LOOP ENABLE DELAY (010001)
ANDEL[7:0]
Sets the delay in INTBLCENB pulses before the Steering circuit steers the INTBLCENB pulse to the
Analogue Loop Enable.
ANALOGUE LOOP ENABLE WIDTH (010010)
ANLINE[7:0]
Sets the number of INTBLCENB pulses to steer to the Analogue Loop Enable.
INTBLCENB PULSE GENERATOR DELAY (010011)
CLPDEL[7:0]
Sets the delay in pixels from the falling edge of BLCENB for the INTBLCENB pulse.
INTBLCENB PULSE GENERATOR WIDTH (010100)
CLPWID[7:0]
Sets the width of the INTBLCENB pulse.
AREA PULSE GENERATOR LINE DELAY LSB (010101)
LINDEL[7:0]
Sets the delay in HD pulses from the falling edge of VD for the vertical Area Pulse. Least significant 8 bits.
AREA PULSE GENERATOR LINE DELAY MSB (010110)
LINDEL[11:8]
Sets the delay in HD pulses from the falling edge of VD for the vertical Area Pulse. Most significant 4 bits.
REFERENCE SELECT (010111)
V375
Selects ADC reference voltage
V375
VRT-VRB
0
0.5V
1
0.75V
AREA PULSE GENERATOR LINE WIDTH LSB (011000)
LINWID[7:0]
Sets the width in HD pulses of the vertical Area Pulse. Least significant 8 bits.
AREA PULSE GENERATOR LINE WIDTH MSB (011001)
LINWID[11:8]
Sets the width in HD pulses of the vertical Area Pulse. Most significant 4 bits.
AREA PULSE GENERATOR HORIZONTAL PIXEL DELAY LSB (011010)
PIXDEL[7:0]
Sets the delay in pixels from the falling edge of HD for the horizontal Area Pulse. Least significant 8 bits.
AREA PULSE GENERATOR HORIZONTAL PIXEL DELAY MSB (011011)
PIXDEL[11:8]
Sets the delay in pixels from the falling edge of HD for the horizontal Area Pulse. Most significant 4 bits.
AREA PULSE GENERATOR HORIZONTAL WIDTH LSB (011100)
PIXWID[7:0]
Sets the width in pixels of the horizontal Area Pulse. Least significant 8 bits.
AREA PULSE GENERATOR LINE HORIZONTAL WIDTH MSB (011101)
PIXWID[11:8]
Sets the width in pixels of the horizontal Area Pulse. Most significant 4 bits.
IIR FILTER COEFFICIENT (011110)
COEFF[2:0]
Sets the IIR Filter Coefficient
COEFF2
COEFF1
COEFF0
Filter Coefficient
0
0
0
5,
RMS Noise Attenuation 18.0dB
0
0
1
6,
RMS Noise Attenuation 21.0dB
0
1
0
7,
RMS Noise Attenuation 24.1dB
0
1
1
8,
RMS Noise Attenuation 27.1dB
1
0
0
9,
RMS Noise Attenuation 30.1dB
1
0
1
10,
RMS Noise Attenuation 33.1dB
1
1
0
11,
RMS Noise Attenuation 36.1dB
1
1
1
12,
RMS Noise Attenuation 39.1dB
REVISION NUMBER (011111)
REV[7:0]
The device revision number. This is ASCII representation of the device revision number i.e. ‘A, B, C etc’, as
a seven bit number, e.g.: ‘41’= A, ‘42’= B, etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com