Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5451A Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS5451A
Description  Six-channel, Delta-sigma Analog-to-digital Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5451A Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS5451A Datasheet HTML 4Page - Cirrus Logic CS5451A Datasheet HTML 5Page - Cirrus Logic CS5451A Datasheet HTML 6Page - Cirrus Logic CS5451A Datasheet HTML 7Page - Cirrus Logic CS5451A Datasheet HTML 8Page - Cirrus Logic CS5451A Datasheet HTML 9Page - Cirrus Logic CS5451A Datasheet HTML 10Page - Cirrus Logic CS5451A Datasheet HTML 11Page - Cirrus Logic CS5451A Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
CS5451A
8
DS635F3
3. THEORY OF OPERATION
The CS5451A is a six-channel analog-to-digital convert-
er (ADC) followed by a serial interface that allows com-
munication with a target device. The analog inputs are
structured for 3-phase power meter applications, with
three dedicated voltage and current channels. Figure 2
illustrates the CS5451A typical inputs and power supply
connections.
The voltage-sensing element introduces a voltage
waveform on the voltage channel inputs VIN(1-3)
± and
is subject to a fixed 1x gain amplifier. A fourth-order del-
ta-sigma modulator samples the amplified signal for dig-
itization.
Simultaneously, the current-sensing element introduces
a voltage waveform on the current channel input
IIN(1-3)
± and is subject to two selectable gains of the
programmable gain amplifier (PGA). The amplified sig-
nal is sampled by a fourth-order delta-sigma modulator
for digitization. Both converters sample at a rate of
XIN/8, the over-sampling provides a wide dynamic
range and simplified anti-alias filter design.
The decimating digital filters on all channels are Sinc3
filters. The single bit data is passed to the low-pass dec-
imation filter and output at a fixed word rate. The deci-
mation rate is selectable for two output word rates.
The 16-bit output word is then transmitted via a master
serial data port. The six-channel data is multiplexed on
the serial data output and is preceded by a frame sync
signal.
VA+
VD+
VIN1+, VIN2+, or VIN3+
VIN1-, VIN2-, or VIN3-
IIN1+, IIN2+, or IIN3+
IIN1-, IIN2-, or IIN3-
AGND
DGND
REFIN
REFOUT
Optional
External
Reference
V
PHASE
+
I
-2 V
PHASE
VA-
+3 V
1.2 V
NOTE: Current input channels
actually measure voltage.
Figure 2. Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com