Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5451A Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS5451A
Description  Six-channel, Delta-sigma Analog-to-digital Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5451A Datasheet(HTML) 4 Page - Cirrus Logic

  CS5451A Datasheet HTML 1Page - Cirrus Logic CS5451A Datasheet HTML 2Page - Cirrus Logic CS5451A Datasheet HTML 3Page - Cirrus Logic CS5451A Datasheet HTML 4Page - Cirrus Logic CS5451A Datasheet HTML 5Page - Cirrus Logic CS5451A Datasheet HTML 6Page - Cirrus Logic CS5451A Datasheet HTML 7Page - Cirrus Logic CS5451A Datasheet HTML 8Page - Cirrus Logic CS5451A Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CS5451A
4
DS635F3
2.
CHARACTERISTICS AND SPECIFICATIONS
RECOMMENDED OPERATING CONDITIONS
ANALOG CHARACTERISTICS
•
Min/Max characteristics and specifications are guaranteed over all Operating Conditions.
•
Typical characteristics and specifications are measured at nominal supply voltages and TA = 25 °C.
•
VA+ = VD+ = 3 V ±10%; VA- = -2 V ±10%; AGND = DGND = 0 V; VREFIN = +1.2 V. All voltages with respect to 0 V.
•
XIN = 4.096 MHz.
Parameter
Symbol
Min
Typ
Max
Unit
DC Power Supplies
Positive Digital
Positive Analog
Negative Analog
VD+
VA+
VA-
2.7
2.7
-2.2
3.0
3.0
-2.0
3.3
3.3
-1.8
V
V
V
Voltage Reference Input
VREF+
-
1.2
-
V
Parameter
Symbol
Min
Typ
Max
Unit
Accuracy (All Channels)
Total Harmonic Distortion
THD
74
-
-
dB
Common Mode Rejection
(DC, 50, 60 Hz)
CMRR
80
-
-
dB
Common Mode + Signal on Input
VA-
-
VA+
V
Input Sampling Rate
-
XIN/8
-
Hz
Analog Inputs (Note 1)
Differential Input Voltage Range
Gain=20
[(IIN+) - (IIN-)] or [(VIN+) - (VIN-)]
Gain=1
VIN
VIN
-
-
80
1.6
-
-
mVP-P
VP-P
Bipolar Offset
Gain=20
Gain=1
VOS
VOS
-
-
±11.5
±0.5
±20
±4.0
mV
mV
Crosstalk (Channel-to-channel)
(50, 60 Hz)
-
-105
-
dB
Input Capacitance
Gain = 20
Gain = 1
IC
IC
-
-
-
-
20
1
pF
pF
Effective Input Impedance
Gain=20
Gain=1
EII
EII
50
500
60
600
-
-
k
Ω
k
Ω
Noise (Referred to Input)
0-60 Hz
Gain=20
Gain=1
0-1 kHz
Gain=20
Gain=1
0-2 kHz
Gain=20
Gain=1
-
-
-
-
-
-
-
-
-
-
-
-
1
20
2.5
50
3.75
75
µVrms
µVrms
µVrms
µVrms
µVrms
µVrms
Reference Output
Output Voltage
REFOUT
1.15
1.2
1.25
V
Temperature Coefficient
-
25
50
ppm/°C
Load Regulation
(Output Current 1
μA Source or Sink)
ΔVR
-6
10
mV
Power Supply Rejection
PSRR
60
-
-
dB
Reference Input
Input Voltage Range
VREF+
1.15
1.2
1.25
V
Input Capacitance
-
-
10
pF
Input CVF Current
-
-
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com