Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5451A Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS5451A
Description  Six-channel, Delta-sigma Analog-to-digital Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5451A Datasheet(HTML) 3 Page - Cirrus Logic

  CS5451A Datasheet HTML 1Page - Cirrus Logic CS5451A Datasheet HTML 2Page - Cirrus Logic CS5451A Datasheet HTML 3Page - Cirrus Logic CS5451A Datasheet HTML 4Page - Cirrus Logic CS5451A Datasheet HTML 5Page - Cirrus Logic CS5451A Datasheet HTML 6Page - Cirrus Logic CS5451A Datasheet HTML 7Page - Cirrus Logic CS5451A Datasheet HTML 8Page - Cirrus Logic CS5451A Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CS5451A
DS635F3
3
1.
PIN DESCRIPTION
Clock Generator
Master Clock Input
25
XIN - External clock signal or oscillator input.
Control Pins and Serial Data I/O
Serial Clock Output
1
SCLK - Serial port clock signal that determines the output data rate for SDO pin. Rate of SCLK is
dependent on the XIN frequency and state of OWRS pin.
Serial Data Output
2
SDO -Serial port data output pin. Data will be output at a rate defined by SCLK.
Frame Sync
3
FSO - Framing signal indicates when data samples are about to be transmitted on the SDO pin.
Serial Port Enable
4
SE - When SE is low, the output pins of the serial port are tri-stated.
Current Input Gain
5
GAIN - A logic high sets current channel gain to 1, a logic low sets the gain to 20. If no connection
is made to this pin, it will default to logic low level (through internal 200 k
Ω resistor to DGND).
Output Word Rate Select
23
OWRS - A logic low sets the output word rate (OWR) to XIN/2048 (Hz). A logic high sets the
OWR to XIN/1024 (Hz). If no connection is made to this pin, then OWRS will default to logic low
level (through internal 200 k
Ω resistor to DGND).
Reset
24
RESET - Low activates Reset, all internal registers are set to their default states.
Analog Inputs/Outputs
Voltage Reference Input
7
VREFIN - The input to this pin establishes the voltage reference for the on-chip modulator.
Voltage Reference Output
8
VREFOUT - The on-chip voltage reference output. The voltage reference has a nominal magni-
tude of 1.2 V and is referenced to the AGND pin on the converter.
Differential Voltage Inputs
11,12
18,17
22,21
VIN3+, VIN3- - Differential analog input pins for the voltage channel 3.
VIN2+, VIN2- - Differential analog input pins for the voltage channel 2.
VIN1+, VIN1- - Differential analog input pins for the voltage channel 1.
Differential Current Inputs
13,14
16,15
20,19
IIN3+, IIN3- - Differential analog input pins for the current channel 3.
IIN2+, IIN2- - Differential analog input pins for the current channel 2.
IIN1+, IIN1- - Differential analog input pins for the current channel 1.
Power Supply Connections
Analog Ground
6
AGND - Analog ground.
Positive Analog Supply
9
VA+ - The positive analog supply. Typical +3 V ±10% relative to AGND.
Negative Analog Supply
10
VA- - The negative analog supply. Typical -2 V ±10% relative to AGND.
Charge Pump Drive
26
CPD - Designed to drive external charge pump circuitry that will produce a negative analog sup-
ply (VA-)voltage.
Digital Ground
27
DGND - Digital Ground.
Positive Digital Supply
28
VD+ - The positive digital supply. Typical +3 V ±10% relative to AGND.
1
14
7
13
6
12
5
11
9
4
3
8
10
2
15
18
16
24
20
19
25
21
17
26
27
22
28
23
IIN2-
VIN2+
IIN2+
RESET
IIN1+
IIN1-
XIN
VIN1-
VIN2-
CPD
DGND
VIN1+
VD+
OWRS
IIN3-
VIN3+
IIN3+
GAIN
VA+
VA -
SE
VREFOUT
VIN3-
FSO
SDO
VREFIN
SCLK
AGND
Differential Current Input 2
Differential Voltage Input 2
Differential Current Input 2
Reset
Differential Current Input 1
Differential Current Input 1
Master Clock
Differential Voltage Input 1
Differential Voltage Input 2
Charge Pump Drive
Digital Ground
Differential Voltage Input 1
Digital Supply
Output Word Rate Select
Differential Current Input 3
Differential Voltage Input 3
Differential Current Input 3
Current Input Gain
Positive Analog Supply
Negative Analog Supply
Serial Port Enable
Reference Output
Differential Voltage Input 3
Frame Sync
Serial Data Output
Reference Input
Serial Clock Output
Analog Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com