Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS4035G Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS4035G
Description  Two-Cell Li-Ion and Li-Polymer Charge Management IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS4035G Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS4035G Datasheet HTML 1Page - Silicon Standard Corp. SS4035G Datasheet HTML 2Page - Silicon Standard Corp. SS4035G Datasheet HTML 3Page - Silicon Standard Corp. SS4035G Datasheet HTML 4Page - Silicon Standard Corp. SS4035G Datasheet HTML 5Page - Silicon Standard Corp. SS4035G Datasheet HTML 6Page - Silicon Standard Corp. SS4035G Datasheet HTML 7Page - Silicon Standard Corp. SS4035G Datasheet HTML 8Page - Silicon Standard Corp. SS4035G Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.SiliconStandard.com
2 of 11
SS4035G
1/09/2006 Rev.3.01
PIN DESCRIPTION
Pin Name
Pin No
I/O
Description
CLED
1
O
Charge control LED
CFLED
2
O
Charge Full control LED
TESTIN
3
I
Test input
TESTOUT
4
O
Test output
CCTL
5
O
Charging Control, PWM output
N/C
6
O
Not connected
RES
7
I
Reset
GND
8
G
Ground
T
9
A
Temperature-sense voltage input
I
10
A
Current-sense voltage input
V1
11
A
Cell 1 voltage (low side)
V2
12
A
Cell 2 voltage (high side)
VDD
13
P
Operating voltage input
ROSC
14
I
Frequency control resistor
S3
15
I
Selection no.3
AVDD
16
P
Operating voltage for analog circuit
BA1
17
O
Balancing control for cell 1
BA2
18
O
Balancing control for cell 2
S1
19
I
Selection no.1
S2
20
I
Selection no.2
CLED
1
20
S2
CFLED
2
19
S1
TESTIN
3
18
BA2
TESTOUT
4
17
BA1
CCTL
5
16
AVDD
N/C
6
15
S3
RES
7
14
ROSC
GND
8
13
VDD
T
9
12
V2
I
10
11
V1
PIN CONFIGURATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com